Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 347 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 347 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 343Page - Microchip Technology 18F258 Datasheet HTML 344Page - Microchip Technology 18F258 Datasheet HTML 345Page - Microchip Technology 18F258 Datasheet HTML 346Page - Microchip Technology 18F258 Datasheet HTML 347Page - Microchip Technology 18F258 Datasheet HTML 348Page - Microchip Technology 18F258 Datasheet HTML 349Page - Microchip Technology 18F258 Datasheet HTML 350Page - Microchip Technology 18F258 Datasheet HTML 351Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 345
PIC18F2480/2580/4480/4580
REGISTER 24-2:
CONFIG2L: CONFIGURATION REGISTER 2 LOW (BYTE ADDRESS 300002h)
U-0
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
—
—
BORV1
BORV0
BOREN1(1) BOREN0(1) PWRTEN(1)
bit 7
bit 0
bit 7-5
Unimplemented: Read as ‘0’
bit 4-3
BORV1:BORV0: Brown-out Reset Voltage bits
11
= VBOR set to 2.1V
10
= VBOR set to 2.8V
01
= VBOR set to 4.3V
00
= VBOR set to 4.6V
bit 2-1
BOREN1:BOREN0 Brown-out Reset Enable bits(1)
11
= Brown-out Reset enabled in hardware only (SBOREN is disabled)
10
= Brown-out Reset enabled in hardware only and disabled in Sleep mode
(SBOREN is disabled)
01
= Brown-out Reset enabled and controlled by software (SBOREN is enabled)
00
= Brown-out Reset disabled in hardware and software
bit 0
PWRTEN: Power-up Timer Enable bit(1)
1
= PWRT disabled
0
= PWRT enabled
Note 1: The Power-up Timer is decoupled from Brown-out Reset, allowing these features to
be independently controlled.
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com