Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 424 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 424 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 420Page - Microchip Technology 18F258 Datasheet HTML 421Page - Microchip Technology 18F258 Datasheet HTML 422Page - Microchip Technology 18F258 Datasheet HTML 423Page - Microchip Technology 18F258 Datasheet HTML 424Page - Microchip Technology 18F258 Datasheet HTML 425Page - Microchip Technology 18F258 Datasheet HTML 426Page - Microchip Technology 18F258 Datasheet HTML 427Page - Microchip Technology 18F258 Datasheet HTML 428Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 422
Preliminary
 2004 Microchip Technology Inc.
Supply Current (IDD)(2,3)
PIC18LF2X80/4X80
4.7
TBD
µA
-40°C
VDD = 2.0V
FOSC = 31 kHz
(RC_IDLE mode,
Internal oscillator source)
4.6
TBD
µA+25°C
5.1
TBD
µA+85°C
PIC18LF2X80/4X80
6.9
TBD
µA
-40°C
VDD = 3.0V
6.3
TBD
µA+25°C
6.8
TBD
µA+85°C
All devices
12
TBD
µA
-40°C
VDD = 5.0V
10
TBD
µA+25°C
10
TBD
µA+85°C
PIC18LF2X80/4X80
49
TBD
µA
-40°C
VDD = 2.0V
FOSC = 1 MHz
(RC_IDLE mode,
Internal oscillator source)
52
TBD
µA+25°C
56
TBD
µA+85°C
PIC18LF2X80/4X80
73
TBD
µA
-40°C
VDD = 3.0V
77
TBD
µA+25°C
77
TBD
µA+85°C
All devices
130
TBD
µA
-40°C
VDD = 5.0V
130
TBD
µA+25°C
130
TBD
µA+85°C
PIC18LF2X80/4X80
140
TBD
µA
-40°C
VDD = 2.0V
FOSC = 4 MHz
(RC_IDLE mode,
Internal oscillator source)
140
TBD
µA+25°C
150
TBD
µA+85°C
PIC18LF2X80/4X80
220
TBD
µA
-40°C
VDD = 3.0V
220
TBD
µA+25°C
210
TBD
µA+85°C
All devices
0.39
TBD
mA
-40°C
VDD = 5.0V
0.40
TBD
mA
+25°C
0.38
TBD
mA
+85°C
27.2
DC Characteristics:
Power-Down and Supply Current
PIC18F2480/2580/4480/4580 (Industrial)
PIC18LF2480/2580/4480/4580 (Industrial) (Continued)
PIC18LF2480/2580/4480/4580
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18F2480/2580/4480/4580
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Param
No.
Device
Typ
Max
Units
Conditions
Legend:
TBD = To Be Determined. Shading of rows is to assist in readability of the table.
Note
1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and all features that add delta
current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin loading
and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have an impact on
the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be estimated
by the formula Ir = VDD/2REXT (mA) with REXT in k
Ω.
4:
Standard low-cost 32 kHz crystals have an operating temperature range of -10°C to +70°C. Extended temperature
crystals are available at a much higher cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com