Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 446 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 446 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 442Page - Microchip Technology 18F258 Datasheet HTML 443Page - Microchip Technology 18F258 Datasheet HTML 444Page - Microchip Technology 18F258 Datasheet HTML 445Page - Microchip Technology 18F258 Datasheet HTML 446Page - Microchip Technology 18F258 Datasheet HTML 447Page - Microchip Technology 18F258 Datasheet HTML 448Page - Microchip Technology 18F258 Datasheet HTML 449Page - Microchip Technology 18F258 Datasheet HTML 450Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 444
Preliminary
 2004 Microchip Technology Inc.
FIGURE 27-15:
EXAMPLE SPI™ SLAVE MODE TIMING (CKE = 1)
TABLE 27-17: EXAMPLE SPI™ SLAVE MODE REQUIREMENTS (CKE = 1)
Param
No.
Symbol
Characteristic
Min
Max Units Conditions
70
TSSL2SCH,
TSSL2SCL
SS
↓ to SCK ↓ or SCK ↑ Input
TCY
—ns
71
TSCH
SCK Input High Time
(Slave mode)
Continuous
1.25 TCY + 30
—
ns
71A
Single Byte
40
—
ns
(Note 1)
72
TSCL
SCK Input Low Time
(Slave mode)
Continuous
1.25 TCY + 30
—
ns
72A
Single Byte
40
—
ns
(Note 1)
73A
TB2B
Last Clock Edge of Byte 1 to the fIrst Clock Edge of Byte 2 1.5 TCY + 40
—
ns
(Note 2)
74
TSCH2DIL,
TSCL2DIL
Hold Time of SDI Data Input to SCK Edge
100
—
ns
75
TDOR
SDO Data Output Rise Time
PIC18FXXXX
—
25
ns
PIC18LFXXXX
45
ns
VDD = 2.0V
76
TDOF
SDO Data Output Fall Time
—
25
ns
77
TSSH2DOZSS
↑ to SDO Output High-Impedance
10
50
ns
78
TSCR
SCK Output Rise Time
(Master mode)
PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
45
ns
VDD = 2.0V
79
TSCF
SCK Output Fall Time (Master mode)
—
25
ns
80
TSCH2DOV,
TSCL2DOV
SDO Data Output Valid after SCK
Edge
PIC18FXXXX
—
50
ns
PIC18LFXXXX
—
100
ns
VDD = 2.0V
82
TSSL2DOV SDO Data Output Valid after SS
↓
Edge
PIC18FXXXX
—
50
ns
PIC18LFXXXX
—
100
ns
VDD = 2.0V
83
TSCH2SSH,
TSCL2SSH
SS
↑ after SCK Edge
1.5 TCY + 40
—
ns
Note 1:
Requires the use of Parameter #73A.
2:
Only if Parameter #71A and #72A are used.
SS
SCK
(CKP = 0)
SCK
(CKP = 1)
SDO
SDI
70
71
72
82
SDI
74
75, 76
MSb
bit 6 - - - - - -1
LSb
77
MSb In
bit 6 - - - -1
LSb In
80
83
Note:
Refer to Figure 27-4 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com