Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 451 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 451 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 447Page - Microchip Technology 18F258 Datasheet HTML 448Page - Microchip Technology 18F258 Datasheet HTML 449Page - Microchip Technology 18F258 Datasheet HTML 450Page - Microchip Technology 18F258 Datasheet HTML 451Page - Microchip Technology 18F258 Datasheet HTML 452Page - Microchip Technology 18F258 Datasheet HTML 453Page - Microchip Technology 18F258 Datasheet HTML 454Page - Microchip Technology 18F258 Datasheet HTML 455Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 449
PIC18F2480/2580/4480/4580
FIGURE 27-20:
EUSART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
TABLE 27-22: EUSART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 27-21:
EUSART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 27-23: EUSART SYNCHRONOUS RECEIVE REQUIREMENTS
121
121
120
122
RC6/TX/CK
RC7/RX/DT
pin
pin
Note:
Refer to Figure 27-4 for load conditions.
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
120
TCKH2DTV SYNC XMIT (MASTER & SLAVE)
Clock High to Data Out Valid
PIC18FXXXX
—
40
ns
PIC18LFXXXX
—
100
ns
VDD = 2.0V
121
TCKRF
Clock Out Rise Time and Fall Time
(Master mode)
PIC18FXXXX
—
20
ns
PIC18LFXXXX
—
50
ns
VDD = 2.0V
122
TDTRF
Data Out Rise Time and Fall Time
PIC18FXXXX
—
20
ns
PIC18LFXXXX
—
50
ns
VDD = 2.0V
125
126
RC6/TX/CK
RC7/RX/DT
pin
pin
Note:
Refer to Figure 27-4 for load conditions.
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
125
TDTV2CKL SYNC RCV (MASTER & SLAVE)
Data Hold before CK
↓ (DT hold time)
10
—
ns
126
TCKL2DTL
Data Hold after CK
↓ (DT hold time)
15
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com