Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 461 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 461 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 457Page - Microchip Technology 18F258 Datasheet HTML 458Page - Microchip Technology 18F258 Datasheet HTML 459Page - Microchip Technology 18F258 Datasheet HTML 460Page - Microchip Technology 18F258 Datasheet HTML 461Page - Microchip Technology 18F258 Datasheet HTML 462Page - Microchip Technology 18F258 Datasheet HTML 463Page - Microchip Technology 18F258 Datasheet HTML 464Page - Microchip Technology 18F258 Datasheet HTML 465Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 459
PIC18F2480/2580/4480/4580
28-Lead Plastic Quad Flat No Lead Package (ML) 6x6 mm Body, Saw Singulated (QFN)
B
D2
D
PAD OUTLINE
ALTERNATE
SEE DETAIL
A1
A
DETAIL
TOP VIEW
OPTIONAL
INDEX
AREA
1
2
L
BOTTOM VIEW
n
E
METAL
PAD
ALTERNATE
EXPOSED
INDICATORS
INDEX
p
E2
Lead Width
*Controlling Parameter
Drawing No. C04-105
Notes:
JEDEC equivalent: MO-220
B
.009
.011
.013
0.23
0.28
0.33
Pitch
Number of Pins
Overall Width
Standoff
Overall Height
MAX
Units
Dimension Limits
A1
D
E
n
p
A
.000
INCHES
.026 BSC
MIN
28
NOM
MAX
.002
0.00
6.00
MILLIMETERS*
.039
MIN
28
0.65 BSC
NOM
0.05
1.00
0.90
.035
.001
0.02
Lead Length
L
.020
.022
.024
0.50
0.55
0.60
E2
D2
.140
.146
.152
3.55
3.70
3.85
.031
0.80
5.90
6.10
.240
.236
.232
.232
.236
6.00
.240
5.90
6.10
.140
.146
3.70
.152
3.55
3.85
Lead Width
*Controlling Parameter
Notes:
B
.009
.011
.013
0.23
0.28
0.33
Pitch
Number of Pins
Standoff
Overall Length
Overall Height
MAX
Units
Dimension Limits
A1
D
E
n
p
A
.000
INCHES
.026 BSC
MIN
28
NOM
MAX
.002
0.00
6.00
MILLIMETERS*
.039
MIN
28
0.65 BSC
NOM
0.05
1.00
0.90
.035
.001
0.02
Lead Length
L
.020
.022
.024
0.50
0.55
0.60
E2
D2
Exposed Pad Width
Exposed Pad Length
.140
.146
.152
3.55
3.70
3.85
.031
0.80
5.90
6.10
.240
.236
.232
.232
.236
6.00
.240
5.90
6.10
.140
.146
3.70
.152
3.55
3.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com