Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 125 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 125 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 121Page - Microchip Technology 18F258 Datasheet HTML 122Page - Microchip Technology 18F258 Datasheet HTML 123Page - Microchip Technology 18F258 Datasheet HTML 124Page - Microchip Technology 18F258 Datasheet HTML 125Page - Microchip Technology 18F258 Datasheet HTML 126Page - Microchip Technology 18F258 Datasheet HTML 127Page - Microchip Technology 18F258 Datasheet HTML 128Page - Microchip Technology 18F258 Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 123
PIC18F2480/2580/4480/4580
REGISTER 9-9:
PIE3: PERIPHERAL INTERRUPT ENABLE REGISTER 3
Mode 0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IRXIE
WAKIE
ERRIE
TXB2IE
TXB1IE(1) TXB0IE(1)
RXB1IE
RXB0IE
Mode 1, 2
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IRXIE
WAKIE
ERRIE
TXBnIE
TXB1IE(1) TXB0IE(1)
RXBnIE
FIFOWMIE
bit 7
bit 0
bit 7
IRXIE: CAN Invalid Received Message Interrupt Enable bit
1
= Enable invalid message received interrupt
0
= Disable invalid message received interrupt
bit 6
WAKIE: CAN bus Activity Wake-up Interrupt Enable bit
1
= Enable bus activity wake-up interrupt
0
= Disable bus activity wake-up interrupt
bit 5
ERRIE: CAN bus Error Interrupt Enable bit
1
= Enable CAN bus error interrupt
0
= Disable CAN bus error interrupt
bit 4
When CAN is in Mode 0:
TXB2IE: CAN Transmit Buffer 2 Interrupt Enable bit
1
= Enable Transmit Buffer 2 interrupt
0
= Disable Transmit Buffer 2 interrupt
When CAN is in Mode 1 or 2:
TXBnIE: CAN Transmit Buffer Interrupts Enable bit
1
= Enable transmit buffer interrupt; individual interrupt is enabled by TXBIE and BIE0
0
= Disable all transmit buffer interrupts
bit 3
TXB1IE: CAN Transmit Buffer 1 Interrupt Enable bit(1)
1
= Enable Transmit Buffer 1 interrupt
0
= Disable Transmit Buffer 1 interrupt
bit 2
TXB0IE: CAN Transmit Buffer 0 Interrupt Enable bit(1)
1
= Enable Transmit Buffer 0 interrupt
0
= Disable Transmit Buffer 0 interrupt
bit 1
When CAN is in Mode 0:
RXB1IE: CAN Receive Buffer 1 Interrupt Enable bit
1
= Enable Receive Buffer 1 interrupt
0
= Disable Receive Buffer 1 interrupt
When CAN is in Mode 1 or 2:
RXBnIE: CAN Receive Buffer Interrupts Enable bit
1
= Enable receive buffer interrupt; individual interrupt is enabled by BIE0
0
= Disable all receive buffer interrupts
bit 0
When CAN is in Mode 0:
RXB0IE: CAN Receive Buffer 0 Interrupt Enable bit
1
= Enable Receive Buffer 0 interrupt
0
= Disable Receive Buffer 0 interrupt
When CAN is in Mode 1:
Unimplemented: Read as ‘0’
When CAN is in Mode 2:
FIFOWMIE: FIFO Watermark Interrupt Enable bit
1
= Enable FIFO watermark interrupt
0
= Disable FIFO watermark interrupt
Note 1: In CAN Mode 1 and 2, this bit is forced to ‘0’.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com