Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 143 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 143 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 139Page - Microchip Technology 18F258 Datasheet HTML 140Page - Microchip Technology 18F258 Datasheet HTML 141Page - Microchip Technology 18F258 Datasheet HTML 142Page - Microchip Technology 18F258 Datasheet HTML 143Page - Microchip Technology 18F258 Datasheet HTML 144Page - Microchip Technology 18F258 Datasheet HTML 145Page - Microchip Technology 18F258 Datasheet HTML 146Page - Microchip Technology 18F258 Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 141
PIC18F2480/2580/4480/4580
10.5
PORTE, TRISE and LATE
Registers
Depending on the particular PIC18F2480/2580/4480/
4580 device selected, PORTE is implemented in two
different ways.
For PIC18F4X80 devices, PORTE is a 4-bit wide port.
Three pins (RE0/RD/AN5, RE1/WR/AN6/C1OUT and
RE2/CS/AN7/C2OUT) are individually configurable as
inputs or outputs. These pins have Schmitt Trigger
input buffers. When selected as an analog input, these
pins will read as ‘0’s.
The corresponding data direction register is TRISE.
Setting a TRISE bit (= 1) will make the corresponding
PORTE pin an input (i.e., put the corresponding output
driver in a high-impedance mode). Clearing a TRISE bit
(= 0) will make the corresponding PORTE pin an output
(i.e., put the contents of the output latch on the selected
pin).
TRISE controls the direction of the RE pins, even when
they are being used as analog inputs. The user must
make sure to keep the pins configured as inputs when
using them as analog inputs.
The upper four bits of the TRISE register also control
the operation of the Parallel Slave Port. Their operation
is explained in Register 10-1.
The Data Latch register (LATE) is also memory
mapped. Read-modify-write operations on the LATE
register, read and write the latched output value for
PORTE.
The fourth pin of PORTE (MCLR/VPP/RE3) is an input
only pin. Its operation is controlled by the MCLRE
configuration bit. When selected as a port pin
(MCLRE = 0), it functions as a digital input only pin. As
such, it does not have TRIS or LAT bits associated with
its operation. Otherwise, it functions as the device’s
Master Clear input. In either configuration, RE3 also
functions as the programming voltage input during
programming.
EXAMPLE 10-5:
INITIALIZING PORTE
10.5.1
PORTE IN 28-PIN DEVICES
For PIC18F2X80 devices, PORTE is only available
when
Master
Clear
functionality
is
disabled
(MCLRE = 0). In these cases, PORTE is a single bit,
input only port comprised of RE3 only. The pin operates
as previously described.
Note:
On a Power-on Reset, RE2:RE0 are
configured as analog inputs.
Note:
On a Power-on Reset, RE3 is enabled as
a digital input only if Master Clear
functionality is disabled.
CLRF
PORTE
; Initialize PORTE by
; clearing output
; data latches
CLRF
LATE
; Alternate method
; to clear output
; data latches
MOVLW
0Ah
; Configure A/D
MOVWF
ADCON1
; for digital inputs
MOVLW
03h
; Value used to
; initialize data
; direction
MOVLW
07h
; Turn off
MOVWF
CMCON
; comparators
MOVWF
TRISC
; Set RE<0> as inputs
; RE<1> as outputs
; RE<2> as inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com