Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF60 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS320C80GF60
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF60 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320C80GF60 Datasheet HTML 14Page - Texas Instruments TMS320C80GF60 Datasheet HTML 15Page - Texas Instruments TMS320C80GF60 Datasheet HTML 16Page - Texas Instruments TMS320C80GF60 Datasheet HTML 17Page - Texas Instruments TMS320C80GF60 Datasheet HTML 18Page - Texas Instruments TMS320C80GF60 Datasheet HTML 19Page - Texas Instruments TMS320C80GF60 Datasheet HTML 20Page - Texas Instruments TMS320C80GF60 Datasheet HTML 21Page - Texas Instruments TMS320C80GF60 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
architecture
Figure 1 shows the major components of the ’C80: the master processor (MP), the parallel digital signal
processors (PPs), the transfer controller ( TC), the video controller ( VC), and the IEEE-1149.1 emulation
interface. Shared access to on-chip RAM is achieved through the crossbar. Crossbar connections are
represented by
. Each PP can perform three accesses per cycle through its local ( L ), global ( G ), and
instruction ( I ) ports. The MP can access two RAMs per cycle through its crossbar/data ( C / D ) and instruction
( I ) ports, and the TC can access one RAM through its crossbar interface. Up to 15 simultaneous accesses are
supported in each cycle. Addresses can be changed every cycle, allowing the crossbar matrix to be changed
on a cycle-by-cycle basis. Contention between processors for the same RAM in the same cycle is resolved by
a round-robin priority scheme. In addition to the crossbar, a 32-bit datapath exists between the MP and the TC
and VC. This allows the MP to access TC and VC on-chip registers that are memory mapped into the MP
memory space.
The ’C80 has a 4G-byte address space as shown in Figure 2. The lower 32M bytes are used to address internal
RAM and memory-mapped registers.
TC
64
32
64
32
PP3
LG
I
32
64
32
PP2
LG
I
32
64
32
PP1
LG
I
32
64
32
PP0
LG
I
64
64
32
MP
C/D
I
VC
OCR
32
IEEE-
1149.1
(JTAG)
Figure 1. Block Diagram Showing Datapaths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com