Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF60 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMS320C80GF60
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF60 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320C80GF60 Datasheet HTML 16Page - Texas Instruments TMS320C80GF60 Datasheet HTML 17Page - Texas Instruments TMS320C80GF60 Datasheet HTML 18Page - Texas Instruments TMS320C80GF60 Datasheet HTML 19Page - Texas Instruments TMS320C80GF60 Datasheet HTML 20Page - Texas Instruments TMS320C80GF60 Datasheet HTML 21Page - Texas Instruments TMS320C80GF60 Datasheet HTML 22Page - Texas Instruments TMS320C80GF60 Datasheet HTML 23Page - Texas Instruments TMS320C80GF60 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
17
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
master processor (MP) architecture
The master processor (MP) is a 32-bit RISC processor with an integral IEEE-754 floating-point unit. The MP
is designed for effective execution of C code and is capable of performing at well over 130K dhrystones/s. Major
tasks which the MP typically performs are:
D Task control and user interface
D Information processing and analysis
D IEEE-754 floating point (including graphics transforms)
MP functional block diagram
Figure 3 shows a block diagram of the master processor. Key features of the MP include:
D 32-bit RISC processor
–
Load/store architecture
–
Three operand arithmetic and logical instructions
D 4K-byte instruction cache and 4K-byte data cache
–
Four-way set associative
–
LRU replacement
–
Data writeback
D 2K-byte non-cached parameter RAM
D Thirty-one 32-bit general-purpose registers
D Register and accumulator scoreboard
D 15-bit or 32-bit immediate constants
D 32-bit byte addressing
D Scalable timer
D Leftmost-one and rightmost-one logic
D IEEE-754 floating-point hardware
–
Four double-precision floating-point vector accumulators
–
Vector floating-point instructions
Floating-point operation and parallel load or store
Multiply and accumulate
D High performance
–
60 million instructions per second (MIPS)
–
120 million floating-point operations per second (MFLOPS)
–
Over 130K dhrystones/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com