| Electronic Components Datasheet Search |
|
TMS320C80GF60 Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C80GF60 Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 171 page ![]() TMS320C80 DIGITAL SIGNAL PROCESSOR SPRS023B – JULY 1994 – REVISED OCTOBER 1997 23 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 floating-point status register (FPST) (0x0008) FPST contains status and control information for the FPU as shown in Figure 13. Bits 17–21 are read/write floating-point unit (FPU) control bits. Bits 22 – 26 are read/write accumulated status bits. All other bits show the status of the last FPU instruction to complete and are read only. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 destination ai az ao au ax sm fs vm drm opcode e1 e0 pd rm mo i z o u x dest ai az ao au ax sm fs vm drm opcode e1 Destination register value Accumulated value invalid Accumulated divide-by-zero Accumulated overflow Accumulated underflow Accumulated inexact Sequential mode select Floating-point stall Vector fast mode Rounding mode 00 – nearest 10 – positive ∞ 01 – zero 11 – negative ∞ Last opcode The tenth MSB of exponent e0 pd rm mo i z o u x The ninth MSB of exponent Destination precision 00 – single float 10 – signed int 01 – double float 11 – unsigned int Rounding mode 00 – nearest 10 – positive ∞ 01 – zero 11 – negative ∞ Int multiply overflow Invalid Divide-by-zero Overflow Underflow Inexact Figure 13. FPSTS Register PP error register (PPERROR) (0x000A) The bits in the PPERROR register reflect parallel processor errors (see Figure 14). The MP can use these when a PP error interrupt occurs to determine the cause of the error. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved h h h h Reserved i i i i Reserved f f f f PP# 3 2 1 0 PP# 3 2 1 0 PP# 3 2 1 0 h – PP halted i – PP illegal instruction f – PP fault type; 0 = icache, 1 = DEA Figure 14. PPERROR Register packet-transfer request register (PKTREQ) (0x000D) PKTREQ controls the submission and priority of packet-transfer requests as shown in Figure 15. It also indicates that a packet transfer is currently active. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved I F S Q P I – Immediate (urgent) priority selected F – High (foreground) priority selected S – Suspend packet transfer Q – Packet transfer queued; read only P – Submit packet-transfer request Figure 15. PKTREQ Register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |