Electronic Components Datasheet Search
  English  ▼

X  

TSB17BA1 Datasheet(PDF) 12 Page - Texas Instruments

Part # TSB17BA1
Description  IEEE STD 1394b SINGLE-PORT CABLE TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB17BA1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSB17BA1 Datasheet HTML 7Page - Texas Instruments TSB17BA1 Datasheet HTML 8Page - Texas Instruments TSB17BA1 Datasheet HTML 9Page - Texas Instruments TSB17BA1 Datasheet HTML 10Page - Texas Instruments TSB17BA1 Datasheet HTML 11Page - Texas Instruments TSB17BA1 Datasheet HTML 12Page - Texas Instruments TSB17BA1 Datasheet HTML 13Page - Texas Instruments TSB17BA1 Datasheet HTML 14Page - Texas Instruments TSB17BA1 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TSB17BA1
IEEE STD 1394b SINGLEPORT CABLE TRANSCEIVER
SLLS568C − JANUARY 2004 − REVISED MARCH 2004
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPENDIX A. ERRATA
UTP signal level detection issue
problem description
In some application environments, the TSB17BA1 may respond to input noise that exceeds the internal noise
rejection threshold. Excessive cable length and poor quality components can contribute to the problem. Due
to process variations during manufacture, the sensitivity and threshold levels may vary from device to device.
One or more of the following issues may occur:
1.
Some devices may be sensitive to PCB supply and input signal noise, driving the BETA_OUT pins
continuously. In turn, this may cause the 1394b PHY port connected to the TSB17BA1 to enter a blocked
state, preventing connection when a node is attached to the UTP port.
2.
Some devices may be sensitive to PCB and cable crosstalk from the transmit data path. This crosstalk may
couple into the receive data path during the toning and training process and the 1394b PHY may then
attempt to negotiate with the false crosstalk signal. The 1394b PHY port may enter a blocked state prior
to UTP cable attachment at one or both cable ends.
3.
System or cable noise within the signal bandwidth may translate into a differential signal input to the
TSB17BA1 and falsely generate BETA_OUT signaling. As a result, the 1394b PHY port attached to the
TSB17BA1 may enter a blocked state before connection.
workarounds
The best problem mitigation is to avoid the circumstances that contribute to noise. The phenomenon is highly
dependent on the system and the network environment, so good quality cable, good installation, and good
design practice are critical. Excessively long cable runs must be avoided. Proper connector termination, high
quality components (e.g., low crosstalk transformer), and good PCB layout are important. Please refer to PCB
Layout Considerations of this data sheet for more information.
The required workaround is to provide an approximately 51-mV dc offset externally to the UTP input of the
TSB17BA1 device. This may be accomplished by connecting a 1.21-k
Ω, 1% resistor from the UTP5_INN
terminal to signal ground, isolating the transformer from the TSB17BA1 with 0.1-
µF capacitors and providing
a 1.3-V common mode voltage. This circuit is shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com