Electronic Components Datasheet Search
  English  ▼

X  

103152 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 103152
Description  PLC INTERFACE With Solid-State Relay, Sensor Version
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

103152 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  103152 Datasheet HTML 1Page - PHOENIX CONTACT 103152 Datasheet HTML 2Page - PHOENIX CONTACT 103152 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PLC-OS…/SEN
103152_en_01
3
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany • Phone: +49 - 52 35 - 30 0
PHOENIX CONTACT • P.O.Box 4100 • Harrisburg • PA 17111-0100 • USA • Phone: +717-944-1300
www.phoenixcontact.com
4
Block Diagram
5
Derating Curve
General Data
Impulse voltage withstand level
2.5 kV, 50 Hz, 1 min.
Ambient temperature range
Operation
Storage/transport
-25°C ... 60°C (230 V type 20°C ... 55°C)
-40°C ... 85°C
Nominal operating mode
100% operating factor
Inflammability class according to UL 94 (housing)
V0
Standards/specifications
1
IEC 60664, IEC 60664 A, DIN VDE 0110 (basic insulation)
Pollution degree
2
Surge voltage category
III
Mounting position
Any
Mounting
Can be aligned without spacing
Conductor cross-section
Solid, with screw connection
Stranded, with screw connection
Solid, with spring-cage connection
Stranded, with spring-cage connection
0.14 mm
2
... 2.5 mm
2
(26 - 14 AWG)
0.14 mm
2
... 1.5 mm
2
(26 - 14 AWG)
0.2 mm
2
... 2.5 mm
2
(24 - 14 AWG)
0.2 mm
2
... 1.5 mm
2
(24 - 14 AWG)
Stripping length
Screw connection
Spring-cage connection
10 mm
8 mm
Dimensions (W x H x D)
6.2 mm x 94 mm x 80 mm
Housing material
Polyamide PA, green
1
The PLC-ATP BK insulating plate must be installed for safe isolation between adjacent modules (see "Accessories"). FBST 8-PLC... or FBST 500... is
then used for potential bridging.
Tests/Approvals
CE
c
UL
U u
GL
F
A2
BB
A1
13+
14
1)
The input circuit
depends on the type
1)
0
3
0
60
2
1
40
30
50
20
10
Ambient temperature [°C]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com