Electronic Components Datasheet Search
  English  ▼

X  

103152 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 103152
Description  PLC INTERFACE With Solid-State Relay, Sensor Version
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

103152 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  103152 Datasheet HTML 1Page - PHOENIX CONTACT 103152 Datasheet HTML 2Page - PHOENIX CONTACT 103152 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© PHOENIX CONTACT - 03/2008
103152_en_01
INTERFACE
PLC-OS…/SEN
Data Sheet
1Description
In applications as the interface between the PLC and
sensors (e.g., proximity switches, limit switches or auxiliary
contacts), as a rule only one N/O contact is required. In this
case, the PLC-OS…/SEN input module can be used, which
is specially optimized for these applications and consists of
a 6.2 mm basic terminal block and plug-in miniature solid-
state relay with screw or spring-cage connection.
1.1
No Need for Power Terminal Blocks
Unlike conventional input relays, all sensor connections,
including the supply voltage for the sensors and switches,
are connected directly to the PLC INTERFACE module. The
PLC-OS…/SEN can thus be used directly as a terminal strip
with integrated interface function for the incoming sensor
cables, without the need for additional modular terminal
blocks (see also INTERFACE catalog).
–
Elimination of the need for modular terminal blocks for
the sensor/switch supply, signal, and sensor ground
–
Space savings of around 80%
–
Time saving of around 60%
–
Reduction in wiring due to plug-in bridges
1.2
Optimum Use of Plug-In Bridges
The PLC INTERFACE module achieves maximum
efficiency with the user-friendly FBST plug-in bridge system.
The PLC-OS…/SEN makes effective use of the bridging
options for the power supply for sensors/switches, for the
supply/sensor ground at the A2 connection, and for the
common supply potential of the PLC at connection 13.
Especially effective here are the 500 mm long color-
insulated continuous plug-in bridges that can easily be cut to
the required length and quickly inserted in the bridge shafts.
They eliminate the need for complicated and time-
consuming loop bridges – the reduction in wiring by
eliminating the need for modular terminal blocks and the use
of all bridging options is around 60%.
1.3
Additional Advantages
–
Switching power of up to 24 V DC/3 A, depending on
the type
–
IP67-protected fully encapsulated optical electronics
–
Available with input or power solid-state relays as an
option
–
Integrated input circuit
–
Solid-state relay can be replaced using an engagement
lever
–
Wear-resistant switching
–
Resistant to vibrations and shocks
–
Inflammability class V0 according to UL94
Make sure you always use the latest documentation.
It can be downloaded at www.download.phoenixcontact.com.
A conversion table is available on the Internet at
www.download.phoenixcontact.com/general/7000_en_00.pdf.
This data sheet is valid for all products listed on the following page:
PLC INTERFACE With Solid-State Relay,
Sensor Version


Similar Part No. - 103152

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1031520000 WEIDMULLER-1031520000 Datasheet
381Kb / 5P
SCD-THR 3.81/12/180F 3.2SN BK BX
More results

Similar Description - 103152

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2982566 PHOENIX-2982566 Datasheet
119Kb / 9P
Solid-state relay module - PLC-OSP-110DC/110DC/ 3RW
PLC-RSP-24DC PHOENIX-PLC-RSP-24DC Datasheet
590Kb / 14P
Universal PLC Interface with PDT Relay
PLC-OS PHOENIX-PLC-OS Datasheet
249Kb / 4P
PLC INTERFACE With Solid-State Relay, Universal Version
103148 PHOENIX-103148 Datasheet
249Kb / 4P
PLC INTERFACE With Solid-State Relay, Universal Version
2900363 PHOENIX-2900363 Datasheet
79Kb / 5P
Solid-state relay module - PLC-OPT- 24DC/TTL
2900381 PHOENIX-2900381 Datasheet
86Kb / 5P
Solid-state relay module - PLC-OPT- 5DC/300DC/1
2982728 PHOENIX-2982728 Datasheet
79Kb / 5P
Solid-state relay module - PLC-OSC- 24DC/TTL
2900368 PHOENIX-2900368 Datasheet
437Kb / 14P
Solid-state relay module - PLC-OPT-230UC/ 24DC/2
2900355 PHOENIX-2900355 Datasheet
436Kb / 15P
Solid-state relay module - PLC-OPT-120UC/ 48DC/100
2900370 PHOENIX-2900370 Datasheet
436Kb / 14P
Solid-state relay module - PLC-OPT- 48DC/230AC/1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com