Electronic Components Datasheet Search
  English  ▼

X  

103152 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 103152
Description  PLC INTERFACE With Solid-State Relay, Sensor Version
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

103152 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  103152 Datasheet HTML 1Page - PHOENIX CONTACT 103152 Datasheet HTML 2Page - PHOENIX CONTACT 103152 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PLC-OS…/SEN
103152_en_01
PHOENIX CONTACT
2
2Ordering Data
3
Technical Data
PLC INTERFACE With Solid-State Relay, Sensor Version
Description
Type
Order No.
Pcs./Pck.
PLC INTERFACE, comprising PLC-BSC...SEN
basic terminal block and plug-in solid-state relay
(see INTERFACE catalog), with screw
connection, for mounting on
3
24 V DC
120 V AC/110 V DC
230 V AC/220 V DC
1
PLCOSC- 24DC/48DC/100/SEN
PLCOSC-120UC/48DC/100/SEN
PLCOSC-230UC/48DC/100/SEN
2966773
2966799
2966809
10
10
10
PLC INTERFACE, comprising PLC-BSP...SEN
basic terminal block and plug-in solid-state relay
(see INTERFACE catalog), with spring-cage
connection, for mounting on
3
24 V DC
120 V AC/110 V DC
230 V AC/220 V DC
1
PLCOSP- 24DC/48DC/100/SEN
PLCOSP-120UC/48DC/100/SEN
PLCOSP-230UC/48DC/100/SEN
2967578
2967581
2967594
10
10
10
1
The PLC-ATP BK insulating plate must be installed for voltages greater than 250 V (L1, L2, L3) between the same terminal points on adjacent modules
(see "Accessories"). FBST 8-PLC... or FBST 500... is then used for potential bridging.
With the 120 V and 230 V modules, an OPT-60DC/... 60 V solid-state relay is normally used due to the input circuit integrated in the basic terminal
block.
For the protection of input and output, inductive loads must be dampened with an effective protective circuit.
Accessories
Description
Type
Order No.
Pcs./Pck.
Insulating plate
PLC-ATP BK
2966841
25
For additional accessories such as power terminal blocks and plug-in bridges, please refer to the INTERFACE catalog or www.phoenixcontact.com.
Input Data
...24DC...
...120UC...
...230UC...
Nominal input voltage
24 V DC
120 V AC/110 V DC
230 V AC/220 V DC
Permissible range (with reference to U
N)
0.8 ... 1.2 x U
N
0.8 ... 1.1 x U
N
Switching level
1 signal ("H")
0 signal ("L")
0.8 x U
N
0.4 x U
N
0.8 x U
N
0.3 x U
N
Typical input current at U
N
8 mA
4 mA
Typical response time at U
N
20
μs6 ms
3 ms
Typical release time at U
N
300
μs
10 ms
5 ms
Transmission frequency f
limit
300 Hz
10 Hz
Input circuit
Yellow LED, protection
against polarity
reversal, free-wheeling
diode
Yellow LED, bridge rectifier
The PLC-ATP BK insulating plate should be used in the following cases: always fit at the start and end of a PLC terminal strip for voltages
greater than 250 V (L1, L2, L3) between the same terminal points on adjacent modules (FBST 8-PLC... or FBST 500... can be used for
potential bridging) and for safe isolation between adjacent modules.
Output Data
Maximum switching voltage
48 V DC
Minimum switching voltage
3 V DC
Limiting continuous current
100 mA
Output configuration
2-wire floating
Output circuit
Protection against polarity reversal, surge protection
Voltage drop at maximum limiting continuous current
≤ 1 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com