Electronic Components Datasheet Search
  English  ▼

X  

MF58 Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # MF58
Description  Metal Oxide Varistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

MF58 Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  MF58 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 6Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 7Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 8Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 9Page - Shanghai Yint Electronic Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Trustworthy electronic circuit protection expert
Metal Oxide Varistors
2
T-温度(以 K 表示)
B-B 值
αT-the temperature coefficient of zero power resistance at T
RT-the zero power resistance at T
T-temperature
B-B value
耗散系数
在规定的环境温度下,热敏电阻器耗散功率变化与其相应温度变
化之比,即
Dissipation coefficient
At rated ambient temperature, it is the radio of consumption
power change rate of thermistor to the change of the
corresponding temperature,namely:
=
T
P
在工作温度范围内,
δ随着环境温度的变化而变化。
In the range of operating temperature, δ has a little change with
the ambient.
热时间常数
Thermal Time Constant
在零功率条件下,当温度发生突变时,热敏电阻体温度变化了始
末两个温度差的
63.2%所需的时间。
与热敏电阻器的热容量 C 成正比,与其耗散系数成反比,
即:
At zero power,it is measured as time in seconds which needed
for thermistor temperature change of 63.2% difference between
initial and final thermistor temperature when the temperature
breaks.
is in direct ratio to thermal capacity C of thermistor and in
inverse ratio to the dissipation coefficient ,namely:
=
C
电阻
-温度特性
Resistance-Temperature Characteristic
热敏电阻器的零功率电阻值与其电阻体温度之间的依赖关系。
The reliant relationship between the zero power resistance of
thermistor and its temperature.
R 值与 B 值关系
R-T curve NTC thermisor
热敏电阻器的零功率电阻值与其电阻体温度之间的依赖关系。
The reliant relationship between the zero power resistance of
thermistor and its temperature.
B 值相同,阻值不同的 R-T 特性曲线示意图
相同阻值,不同
B 值的 R-T 特性曲线示意图
R-T curve based on same B value, different resistance
R-T curve based on different B value, same resistance
MF51 玻封测温型 NTC 热敏电阻器系列
MF51 Temperature-Mesurement chip in glass NTC Thermistor series



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com