Electronic Components Datasheet Search
  English  ▼

X  

MF58 Datasheet(PDF) 7 Page - Shanghai Yint Electronic Co., Ltd

Part # MF58
Description  Metal Oxide Varistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

MF58 Datasheet(HTML) 7 Page - Shanghai Yint Electronic Co., Ltd

Back Button MF58 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 6Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 7Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 8Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 9Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 10Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 11Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Trustworthy electronic circuit protection expert
Metal Oxide Varistors
7
常规尺寸表
Normal dimension table
代号
Code
Dmax
L1max
L2
±
1.5
d
±
0.1
F
±
0.05
Tmax
F
3.8
9.5
17
0.6
2.5
3.5
MF58 玻壳测温型 NTC 热敏电阻器系列
MF58 Glass shell Temp Measurement NTC Thermistor Series
应用范围
●家用电器(如空调机,微波炉,电磁炉,多士炉,电风扇,电
取暖炉等)的温度控制与温度检测
●办公自动化设备(如复印机,打印机等)的温度检测或温度补
偿
●手机电池,电池组
●仪表线圈,集成电路,石英晶体振荡器和热电偶的温度补偿
Applications
●
Temperature control and examination of household electrical
appliance(such as air-condition, microwave oven, induction
cooker, toaster fanner, electric heating and so on)
●
Temperature examination and compensation of the
automatic work facilities(such as copycat, printer and so on)
●
Battery of mobile telephone, battery pile
●
Temperature compensation of loops of instrument, integrate
circuit, quartz crystal monofier and thermocouple.
特点
●稳定性好,可靠性高
●阻值范围宽,精度高
●可在高温和高湿等恶劣环境下使用
●体积小,重量轻,结构坚固,便于自动化安装
●热感应快,灵敏度高
Characteristics
●
Good stability and security
●
Broad range of resistance
●
Capability of operating in the bad envi ronment of high
temperature and high humidity because of glassencapsulation
framework.
●
Small size, light weight, strong frame, easy automatic
installation (on the printed-circuit board)
●
Fast response to the temperature,high delicacy.
主要技术参数
●额定零功率电阻值范围(
R25):0.1~3780KΩ
●
R25 允许偏差:±1%,±2%,±3%,±5%,±10%
●
B 值范围(B25/50℃):3100~4500K
●
B 值允许偏差(根据需要标注):±0.5%,±1%
●耗散系数:≥
2mW/℃(在静止空气中)
●热时间常数:≤
20S(在静止空气中)
●工作温度范围:
-55℃~+250℃
●额定功率:≤
50mW
Main techno-parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com