Electronic Components Datasheet Search
  English  ▼

X  

MF58 Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # MF58
Description  Metal Oxide Varistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

MF58 Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  MF58 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 6Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 7Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 8Page - Shanghai Yint Electronic Co., Ltd MF58 Datasheet HTML 9Page - Shanghai Yint Electronic Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Trustworthy electronic circuit protection expert
Metal Oxide Varistors
3
应用范围
●空调,暖气设备
●电子体温计
●液位传感器
●汽车电子
●电子台历
Applications
●
Air-Conditioner, Heating apparatus
●
Electric Thermometer
●
Liquid level sensor
●
Automoblie electronic
●
Electric table-board
特点
●体积小
●测试精度高
●反应速度快
●一致性,互换性好
●可在高温高湿等恶劣环境下使用
Characteristic
●
Small size
●
High testing precision
●
Fast response
●
Good quality of coherence and interchange
●
It can be used in such worse environment as high temperature and humdity etc.
外形结构和尺寸
Dimensions(mm)
产品标识说明
Specification
主要技术参数
Main Techno-Parameter
型号
Part No.
耗散系数(
mw/℃)
Dissi.coef.( mw/℃)
热时间常数(
S)
Thermal time constant(S)
最大功耗
@25℃
Pmax(mW)
MF51-A
约
1.4
约
14
50
MF51-B
约
0.9
约
7
35
MF51-C
约
0.75
约
5
15
型号
Part No.
标称阻值
R25
Rate Resistance R25
B 值(25/85℃)
B value(25/85℃)
型号
Part NO.
D
H
L
d
MF51-A
MF51-B
MF51-C
MF51 B 103 F 3750 E
B 值允许偏差代号(根据需要标注)
E:±0.5%,F:±1%
B 值 25/85℃:为 3750K
阻值允许偏差代号:
F:±1%,G:±
2%,H:±3%,J:±5%,K:±10%
标称电阻值:
103 为 10KΩ
外形尺寸代号:
B 型
型号:为玻封测温型
NTC 热敏电阻器
The allowable tolerance of(label by requirment)
E:±0.5%,F:±1%
B value 25/85℃; namedly 3750K
Resistance Tolerance Code: Namely F;±1%,G;±2%,
H;±3%,J;±5%,K;±10%
Rated Resistance:103 namely 10KΩ
Configuration Code; B model
Type: Temp-measurement chip in glass NTC
thermistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com