Electronic Components Datasheet Search
  English  ▼

X  

MF52 Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # MF52
Description  Metal Oxide Varistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

MF52 Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  MF52 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 6Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 7Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 8Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 9Page - Shanghai Yint Electronic Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Trustworthy electronic circuit protection expert
Metal Oxide Varistors
1
NTC 温度传感器
NTC 热敏电阻器是一种以过渡金属氧化物为主要原材料制造的
半导体陶瓷元件。它具有电阻值随着温度的变化而相应变化的特
性。即在一定的测量功率下,电阻值随着温度上升而下降。利用
这一特性,可将
NTC 热敏电阻器及其温度传感器应用在测控温,
温度补偿,和抑制浪涌电流等场合。
Thermistor is a ceramic semiconducting element made from
exorbitant oxides materal. It has the feature that the resistance
changes according to the ambient temperature. Namely, their
resistance declines with the rising of ambient temperature at a
determinate measuring power. With this feature NTC thermistor
and temperature sensor can be applied in the situation of
temperature measurement and control, compensation and
surge current protection.
NTC 热敏电阻器及其温度传感器的主要参数:
Main techno-Parameter of NTC Thermistor:
零功率电阻值
RT
在规定温度下,采用引起电阻变化相对于总的测量误差来说可以
忽略不计的测量功率测的的电阻值
Zero Power Resistance RT
At rated temperature ,it is the resistance measured by the
measuring power which causes the resistance change that can
be ignored relative to the whole measuring error.
额定零功率电阻值
R25
也称标称电阻值,通常是指
25℃时测得的零功率电阻值
Rated Zero Power Resistance R25
Also Known as Nominal Resistance,is the zero power
resistance measured at 25℃
B 值
B 值是负温度系数热敏电阻器的热敏指数,他被定义为两个温度
下零功率电阻值的自然对数之差与这两个温度导数之差的比值
B Value
B Value is the thermel exponent of negative temperature
coefficient thermistor, which is defined as the ratio of the
difference between the napierian logarithm of zero power
resistance at two temperatures to the difference between the
temperatures’ reciprocal.
B=In
2
1
T
T
R
R
/(
1
1
T
-
2
1
T
)=
1
2
2
1
T
T
T
T
In
2
1
T
T
R
R
式中:
RT1-温度为 T1 时的零功率电阻值
RT2-温度为 T2 时的零功率电阻值
In the equation: RT1-The zero power resistance at T1
RT2-The zero power resistance at T2
除非特别指出,
B 值是由 25℃(298.15K)和 50℃(323.15K)的
零功率电阻值计算而得到的,
B 值在工作温度范围内并不是一个
严格的常数。
Unless the particular indication, B value is figured out from the
zero power resistance at 25℃(298.15K) and 50℃(323.15K)
and B value is not a rigorous constant in the range of operating
temperature.
零功率电阻温度系数
αT
Temperature Coefficient of Zero power Resistance αT
指在规定温度下,热敏电阻器的零功率电阻值随着温度的变化率
与它的零功率电阻值之比。
At rated temperature, it is the ratio of the zero power resistance
change rate with temperature to the zero power resistance
itself.Namely:
αT=
R
1
dT
dR
T =-
2
T
B
式中:
αT-温度为 T 时的零功率电阻温度系数
RT-温度为 T 时的零功率电阻值


Similar Part No. - MF52

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
MF520 PADAUK-MF520 Datasheet
619Kb / 12P
3-Phase Brushless DC Motor Controller
logo
List of Unclassifed Man...
MF523100 ETC2-MF523100 Datasheet
748Kb / 4P
MF52 Pearl-Shaped Precision NTC Thermistor for Temperature Measurement
MF523270 ETC2-MF523270 Datasheet
748Kb / 4P
MF52 Pearl-Shaped Precision NTC Thermistor for Temperature Measurement
MF523380 ETC2-MF523380 Datasheet
748Kb / 4P
MF52 Pearl-Shaped Precision NTC Thermistor for Temperature Measurement
MF523470 ETC2-MF523470 Datasheet
748Kb / 4P
MF52 Pearl-Shaped Precision NTC Thermistor for Temperature Measurement
More results

Similar Description - MF52

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com