Electronic Components Datasheet Search
  English  ▼

X  

MF52 Datasheet(PDF) 5 Page - Shanghai Yint Electronic Co., Ltd

Part # MF52
Description  Metal Oxide Varistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

MF52 Datasheet(HTML) 5 Page - Shanghai Yint Electronic Co., Ltd

  MF52 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 6Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 7Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 8Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 9Page - Shanghai Yint Electronic Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Trustworthy electronic circuit protection expert
Metal Oxide Varistors
5
主要技术参数
Main Techno-Parameter
型号
Part No.
标称阻值
R25
(
KΩ)
Rated Resistance R25
(KΩ)
B 值(25/50℃)
(
K)
B Value(25/50℃)
(K)
额定功率
(
mW)
Rated Power
(mW)
耗散系数
(
mW/℃)
Dissi.Coef.
(mW/℃)
热时间常数
(
S)
Thermal time
Constant(S)
工作温度
(℃)
Operating
Temp.(℃)
MF52□□□3100
0.1~20
3100
≤
50
≥
2.0
静止空气中
In still air
≤
12
静止空气中
In still air
-40~+125℃
MF52□□□3270
0.2~20
3270
MF52□□□3380
0.5~50
3380
MF52□□□3470
0.5~50
3470
MF52□□□3600
1~100
3600
MF52□□□3950
5~100
3950
MF52□□□4000
5~100
4000
MF52□□□4050
5~200
4050
MF52□□□4150
10~250
4150
MF52□□□4300
20~1000
4300
MF52□□□4500
20~1000
4500
外形结构和尺寸
Dimensions(mm)
A 型:(引线为镀锡铜线或镀锡铜包钢线)
( Tin.nickle Cu or Cp wire)
常规尺寸表
Normal dimension table
代号
Code
Dmax
L1max
L2min
d
±
0.05
F
±
0.5
A1
2.5
4.0
25
0.3
1.7
A2
3
4.5
25
0.45
2.2
B 型:(引线为锡包线)
(Enamelled cu wire)
B 值允许偏差代号(根据需要标注)
E:±0.5%,F:±1%
B 值:为 3380K
阻值允许偏差代号:
F:±1%,G:±
2%,H:±3%,J:±5%,K:±10%
标称电阻值:
103 为 10KΩ
不同外形结构和尺寸代号:
A 型引线
为镀锡铜线或者镀锡铜包钢线
型号:珠状精密型型
NTC 热敏电阻器
The allowable tolerance of(label by requirment)
E:±0.5%,F:±1%
B value; namedly 3380K
Resistance Tolerance Code: Namely F;±1%,G;±2%,
H;±3%,J;±5%,K;±10%
Rated Resistance:103 namely 10KΩ
Diffierent Configuration and Code:Model A is Cu or Cp
wire
Type: Temp-measurement chip in glass NTC
thermistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com