Electronic Components Datasheet Search
  English  ▼

X  

MF52 Datasheet(PDF) 4 Page - Shanghai Yint Electronic Co., Ltd

Part # MF52
Description  Metal Oxide Varistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

MF52 Datasheet(HTML) 4 Page - Shanghai Yint Electronic Co., Ltd

  MF52 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 6Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 7Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 8Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 9Page - Shanghai Yint Electronic Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Trustworthy electronic circuit protection expert
Metal Oxide Varistors
4
R25(KΩ)
精度
Tolerance
K
精度
Tolerance
常规
型号
MF51□□□3435
2~10
±
1%
±
2%
±
3%
±
5%
3435
±
1%
±
2%
MF51□□□3450
2~10
3450
MF51□□□3750
8~10
3750
MF51□□□3950
10~50
3950
MF51□□□4150
50~100
4150
MF51□□□4200
100~350
4200
MF51□□□4350
870~980
4350
MF51□□□4450
1000~1500
4450
特殊
型号
MF51□2.186K□3420
R25=2.186 R0=6
±
2%
±
3%
±
5%
3420(B0/100=3390)
±
1%
±
2%
MF51□5.369K□3480
R25=5.369 R0=15
3480(B0/100=3450)
MF51□49.12K□3992
R25=49.12 R0=3.3
3992(B0/100=3970)
MF51□98.63K□4066
R25=98.63 R0=0.55
4066(B0/100=4300)
MF51□231.4K□4240
R25=231.4 R0=1
4240(B0/100=4537)
MF52 珠状精密型 NTC 热敏电阻器系列
MF52 Pearl-Shape Temp Measurement NTC Thermistor
应用范围
●空调设备
●暖气设备
●电子体温计
●液位传感器
●汽车电子
●电子台历
●手机电池
Applications
●
Air-Conditioner Equipments
●
Heating Apparatus
●
Electric Thermometer
●
Liquid level sensor
●
Automoblie electronic
●
Electric table-board
●
Battery of MobilenTelephone
特点
●测试精度高
●体积小
,反应速度快
●能长时间稳定工作
●互换性,一致性好
●规模化生产,性价比高
Characteristic
●
High testing precision
●
Small size,Fast Response
●
Steady Operating For Long time
●
Good quality of coherence and
interchange
●
Scale production,high ratio of features
to cost
产品标识说明
Specification
MF52 A 103 G 3380 E



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com