Electronic Components Datasheet Search
  English  ▼

X  

PT2811 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2811
Description  3W Stereo Class-D Amplifier with Audio Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2811 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2811 Datasheet HTML 1Page - Princeton Technology Corp PT2811 Datasheet HTML 2Page - Princeton Technology Corp PT2811 Datasheet HTML 3Page - Princeton Technology Corp PT2811 Datasheet HTML 4Page - Princeton Technology Corp PT2811 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PT2811
3W Stereo Class-D Amplifier with
Audio Processor
V1.1
3
January 2014
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT2811-LQ
48 Pins, LQFP, 7 X 7 mm
PT2811-LQ
PIN CONFIGURATION
RINN
LINN
RINP
RT
RB2
RB1
ROUT
SCL
SDA
VDD2
OE
SD
LINP
LT
LB2
LB1
LOUT
GND2
BYPASS
NC
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
PT2811
NC
NC
GND1
VDD1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com