Electronic Components Datasheet Search
  English  ▼

X  

PT2811 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2811
Description  3W Stereo Class-D Amplifier with Audio Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2811 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2811 Datasheet HTML 1Page - Princeton Technology Corp PT2811 Datasheet HTML 2Page - Princeton Technology Corp PT2811 Datasheet HTML 3Page - Princeton Technology Corp PT2811 Datasheet HTML 4Page - Princeton Technology Corp PT2811 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PT2811
3W Stereo Class-D Amplifier with
Audio Processor
Tel: 886-66296288
‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, No. 233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
The PT2811 is an integrated 3W stereo Class-D
amplifier with audio processor. The input selector
supports 3 Single-Ended and 1 Fully-Differential input
can be chose. The highly integration of the audio
processor and class-D amplifier can further reduce
external components BOM and provides better audio
experience. All of functions are controlled via I2C bus.
APPLICATIONS
 PC/Video Projector
 Portable media player
 Audio duck system
 Flat panel display with audio inputs
FEATURES
 Supply Voltage: 3~6V
 3W X 2 Class-D power amplifier (VDD=5V, RL=4Ω)
 1 Fully-Differential input
 3 Single-Ended audio inputs
 Programmable input gain from 0 to +15dB
 Bass and Treble control
 Master volume in 1dB/step from 0 to -79dB
 Advanced soft-mute and multiple soft-step volume
technology eliminate audible click during volume and
input sources changing.
 Built-in RF noise filter
 Shutdown function for power saving
 Over temperature and over current protection
 Controlled by I2C interface
 Available in 48 Pins, LQFP package
block diagram
LOUT
LT
L3
L2
LB1
LB2
R2
R3
RT
RB1
RB2
DIFFL-
DIFFL+
DIFFR+
OSC Generator
ROUT
SDA
LINN
LINP
LVDD
LON
LGND
LOP
RGND
ROP
RVDD
RON
RINN
RINP
GND
Bypass
VDD
SCL
Digital
Interface
Soft
Mute
INPUT
Gain
Volume
Soft Step
(0~-79dB)
Treble
Bass
Treble
Bass
INPUT
Multiplexer
Soft
Mute
INPUT
Gain
Volume
Soft Step
(0~-79dB)
Logic
Control
LCH CLASS-D
(+20/+26 dB)
RCH CLASS-D
(+20/+26 dB)
INPUT
Multiplexer
L1
R1
DIFFR-
Fully-Differential
input
SD
Power
Management
OE
Protection Circuitry


Similar Part No. - PT2811

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2812 PTC-PT2812 Datasheet
210Kb / 5P
3W Stereo Class-D Amplifier with 3 Inputs and Volume
PT2812-QFN PTC-PT2812-QFN Datasheet
210Kb / 5P
3W Stereo Class-D Amplifier with 3 Inputs and Volume
More results

Similar Description - PT2811

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
PAM8004 PAM-PAM8004 Datasheet
195Kb / 11P
Filterless 3W Class-D Stereo Audio Amplifier
logo
Unisonic Technologies
UPA2008 UTC-UPA2008 Datasheet
301Kb / 8P
3W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Diodes Incorporated
PAM8403H DIODES-PAM8403H Datasheet
269Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
logo
SHENZHEN FUMAN ELECTRON...
TC8403B FUMAN-TC8403B Datasheet
364Kb / 9P
3W Filterless Class D Stereo Audio Amplifier
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com