Electronic Components Datasheet Search
  English  ▼

X  

PT2811 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2811
Description  3W Stereo Class-D Amplifier with Audio Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2811 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2811 Datasheet HTML 1Page - Princeton Technology Corp PT2811 Datasheet HTML 2Page - Princeton Technology Corp PT2811 Datasheet HTML 3Page - Princeton Technology Corp PT2811 Datasheet HTML 4Page - Princeton Technology Corp PT2811 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PT2811
3W Stereo Class-D Amplifier with
Audio Processor
V1.1
4
January 2014
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
RINN
I
Negative input of right channel Class-D amp
1
RINP
I
Positive input of right channel Class-D amp
2
NC
-
No connection
3
VDD1
P
Power input for internal circuits
4
VDD2
P
Power input for internal circuits
5
SD
I
Shutdown control pin. Sets to
“logic-low” will turn off whole chip and pull up to
“logic-high” to back to normal operation.
6
SDA
I
I
2C bus data input
7
SCL
I
I
2C bus clock input
8
ROUT
O
Right channel line out
9
RB1
I
Capacitor 1 for right channel Bass controller
10
RB2
O
Capacitor 2 for right channel Bass controller
11
RT
I
Capacitor for right channel Treble controller
12
NC
-
No connection
13
R3
I
Input 3 of right channel
14
R2
I
Input 2 of right channel
15
R1
I
Input 1 of right channel
16
DIFFR+
I
Differential right channel
“+” input
17
DIFFR-
I
Differential right channel
“-” input
18
DIFFL-
I
Differential left channel
“-“ input
19
DIFFL+
I
Differential left channel
“+” input
20
L1
I
Input 1 of left channel
21
L2
I
Input 2 of left channel
22
L3
I
Input 3 of left channel
23
NC
-
No connection
24
LT
I
Capacitor for left channel Treble controller
25
LB2
O
Capacitor 2 for left channel Bass controller
26
LB1
I
Capacitor 1 for left channel Bass controller
27
LOUT
O
Left channel line out
28
BYPASS
P
Bypass cap for Internal Voltage Reference, a 2.2µF cap is recommended.
29
OE
I
Output Enable setting, connect a 0.22
F cap to GND.
30
GND2
P
Ground
31
GND1
P
Ground
32
NC
-
No connection
33
LINP
I
Positive input of left channel Class-D amp
34
LINN
I
Negative input of left channel Class-D amp
35
NC
-
No connection
36
NC
-
No connection
37
LON
O
Negative output of left channel Class-D amp
38
NC
-
No connection
39
LGND
P
Power ground of left channel Class-D amp
40
LVDD
P
Power input of left channel Class-D amp
41
LOP
O
Positive output of left channel Class-D amp
42
ROP
O
Positive output of right channel Class-D amp
43
RVDD
P
Power input of right channel Class-D amp
44
RGND
P
Power ground of right channel Class-D amp
45
NC
-
No connection
46
RON
O
Negative output of right channel Class-D amp
47
NC
-
No connection
48



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com