Electronic Components Datasheet Search
  English  ▼

X  

LPC2210 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LPC2210
Description  16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2210 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LPC2210 Datasheet HTML 15Page - NXP Semiconductors LPC2210 Datasheet HTML 16Page - NXP Semiconductors LPC2210 Datasheet HTML 17Page - NXP Semiconductors LPC2210 Datasheet HTML 18Page - NXP Semiconductors LPC2210 Datasheet HTML 19Page - NXP Semiconductors LPC2210 Datasheet HTML 20Page - NXP Semiconductors LPC2210 Datasheet HTML 21Page - NXP Semiconductors LPC2210 Datasheet HTML 22Page - NXP Semiconductors LPC2210 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
9397 750 14061
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02— 30 May 2005
19 of 49
Philips Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers with external memory interface
6.7 Pin function select register 1 (PINSEL1 - 0xE002 C004)
The PINSEL1 register controls the functions of the pins as per the settings listed in
Table 8. The direction control bit in the IODIR register is effective only when the GPIO
function is selected for a pin. For other functions direction is controlled automatically.
Settings other than those shown in the Table 8 are reserved, and should not be used.
31:30
P0.15
0
0
GPIO Port 0.15
0
0
1
RI (UART1)
1
0
EINT2
1
1
reserved
Table 7:
Pin function select register 0 (PINSEL0 - 0xE002 C000) …continued
PINSEL0
Pin name
Value
Function
Value after reset
Table 8:
Pin function select register 1 (PINSEL1 - 0xE002 C004)
PINSEL1
Pin name
Value
Function
Value after reset
1:0
P0.16
0
0
GPIO Port 0.16
0
0
1
EINT0
1
0
Match 0.2 (Timer 0)
1
1
Capture 0.2 (Timer 0)
3:2
P0.17
0
0
GPIO Port 0.17
0
0
1
Capture 1.2 (Timer 1)
1
0
SCK (SPI1)
1
1
Match 1.2 (Timer 1)
5:4
P0.18
0
0
GPIO Port 0.18
0
0
1
Capture 1.3 (Timer 1)
1
0
MISO (SPI1)
1
1
Match 1.3 (Timer 1)
7:6
P0.19
0
0
GPIO Port 0.19
0
0
1
Match 1.2 (Timer 1)
1
0
MOSI (SPI1)
1
1
Capture 1.2 (Timer 1)
9:8
P0.20
0
0
GPIO Port 0.20
0
0
1
Match 1.3 (Timer 1)
1
0
SSEL (SPI1)
1
1
EINT3
11:10
P0.21
0
0
GPIO Port 0.21
0
0
1
PWM5
1
0
reserved
1
1
Capture 1.3 (Timer 1)
13:12
P0.22
0
0
GPIO Port 0.22
0
0
1
reserved
1
0
Capture 0.0 (Timer 0)
1
1
Match 0.0 (Timer 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com