Electronic Components Datasheet Search
  English  ▼

X  

LPC2210 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC2210
Description  16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2210 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC2210 Datasheet HTML 18Page - NXP Semiconductors LPC2210 Datasheet HTML 19Page - NXP Semiconductors LPC2210 Datasheet HTML 20Page - NXP Semiconductors LPC2210 Datasheet HTML 21Page - NXP Semiconductors LPC2210 Datasheet HTML 22Page - NXP Semiconductors LPC2210 Datasheet HTML 23Page - NXP Semiconductors LPC2210 Datasheet HTML 24Page - NXP Semiconductors LPC2210 Datasheet HTML 25Page - NXP Semiconductors LPC2210 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
9397 750 14061
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02— 30 May 2005
22 of 49
Philips Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers with external memory interface
6.9 External memory controller
The external Static Memory Controller is a module which provides an interface between
the system bus and external (off-chip) memory devices. It provides support for up to four
independently configurable memory banks (16 MB each with byte lane enable control)
simultaneously. Each memory bank is capable of supporting SRAM, ROM, Flash EPROM,
Burst ROM memory, or some external I/O devices.
Each memory bank may be 8, 16, or 32 bits wide.
6.10 General purpose parallel I/O
Device pins that are not connected to a specific peripheral function are controlled by the
GPIO registers. Pins may be dynamically configured as inputs or outputs. Separate
registers allow setting or clearing any number of outputs simultaneously. The value of the
output register may be read back, as well as the current state of the port pins.
6.10.1 Features
• Direction control of individual bits.
• Separate control of output set and clear.
• All I/O default to inputs after reset.
6.11 10-bit A/D converter
The LPC2210/2220 contains a single 10-bit successive approximation analog to digital
converter with eight multiplexed channels.
6.11.1 Features
• Measurement range of 0 V to 3 V.
• Capable of performing more than 400,000 10-bit samples per second.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition on input pin or Timer Match signal.
23
Controls whether P3.0/A0 is a port pin (0) or an address line (1).
1 if BOOT1:0 = 00
at RESET = 0,
0 otherwise
24
Controls whether P3.1/A1 is a port pin (0) or an address line (1).
BOOT1 during
Reset
27:25
Controls the number of pins among P3.23/A23/XCLK and P3[22:2]/A2[22:2] that
are address lines:
000 if
BOOT1:0 = 11 at
Reset, 111
otherwise
000 = None
100 = A11:2 are address lines.
001 = A3:2 are address lines. 101 = A15:2 are address lines.
010 = A5:2 are address lines. 110 = A19:2 are address lines.
011 = A7:2 are address lines. 111 = A23:2 are address lines.
31:28
reserved.
Table 9:
Pin function select register 2 (PINSEL2 - 0xE002 C014) …continued
PINSEL2 bits
Description
Reset value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com