Electronic Components Datasheet Search
  English  ▼

X  

LPC2210 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2210
Description  16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2210 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2210 Datasheet HTML 1Page - NXP Semiconductors LPC2210 Datasheet HTML 2Page - NXP Semiconductors LPC2210 Datasheet HTML 3Page - NXP Semiconductors LPC2210 Datasheet HTML 4Page - NXP Semiconductors LPC2210 Datasheet HTML 5Page - NXP Semiconductors LPC2210 Datasheet HTML 6Page - NXP Semiconductors LPC2210 Datasheet HTML 7Page - NXP Semiconductors LPC2210 Datasheet HTML 8Page - NXP Semiconductors LPC2210 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
9397 750 14061
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02— 30 May 2005
2 of 49
Philips Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers with external memory interface
s 60/75 MHz (LPC2210/2220) maximum CPU clock available from programmable
on-chip Phase-Locked Loop (PLL) with settling time of 100
µs.
s On-chip integrated oscillator operates with external crystal in range of 1 MHz to
30 MHz and with external oscillator up to 50 MHz.
s Power saving modes include Idle and Power-down.
s Processor wake-up from Power-down mode via external interrupt.
s Individual enable/disable of peripheral functions for power optimization.
s Dual power supply:
x CPU operating voltage range of 1.65 V to 1.95 V (1.8 V
± 0.15 V).
x I/O power supply range of 3.0 V to 3.6 V (3.3 V
± 10 %) with 5 V tolerant I/O pads.
16/32-bit ARM7TDMI-S processor.
3.
Ordering information
3.1 Ordering options
Table 1:
Ordering information
Type number
Package
Name
Description
Version
LPC2210FBD144
LQFP144
plastic low profile quad flat package; 144
leads; body 20
× 20 × 1.4 mm
SOT486-1
LPC2220FBD144
LQFP144
plastic low profile quad flat package; 144
leads; body 20
× 20 × 1.4 mm
SOT486-1
LPC2220FET144
TFBGA144
plastic thin fine-pitch ball grid array package;
144 balls; body 12
× 12 × 0.8 mm
SOT569-1
Table 2:
Ordering options
Type number
Flash memory
RAM
CAN
Temperature
range (
°C)
LPC2210FBD144
-
16 kB
-
−40 to +85
LPC2220FBD144
-
64 kB
-
−40 to +85
LPC2220FET144
-
64 kB
-
−40 to +85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com