Electronic Components Datasheet Search
  English  ▼

X  

SMD2920 Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # SMD2920
Description  POLYMER RESETTABLE FUSE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMD2920 Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  SMD2920 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMD2920 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMD2920 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMD2920 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POLYMER RESETTABLE FUSE
Trustworthy electronic circuit protection
expert
SMD2920 Series
www.yint.com.cn
Rev:19.3
1
SMD2920 Series
Features
Smaller size saves board space and cost
Resettable circuit protection
Fast time-to-trip
Low resistance
Surface mount packaging for automated assembly
Lead-free and compliant with the European Union RoHS Directive 2002/95/EC
Application
●
Polymer Resettable Fuse for over-current, over-temperature and short-circuit protection
●
Computer motherboards
●
IEEE1394 Ports
●
USB hub, ports and peripherals
●
Data communication
●
Modems/ Ethernet/LAN
General Description
●
Polymer resettable fuse are made of polymeric PTC materials which is a matrix of
●
polymer containing dispersed conductive particles. Generally, the device has a very
●
low resistance. If an over-current happened, as a response to the damage current,
●
the resistance will immediately increase to very high, reducing the current of the
●
circuit to a safe value that the loading can carry. Once fault to the circuit is weed out
●
and power is recuperated, the polymer will deflate itself , the device will reset and is
●
ready for normal operation.
Product Dimensions (mm)
型号
A
B
C
D
Min.
Max.
Min.
Max.
Min.
Max.
Min.
SMD2920-030
6.73
7.98
4.8
5.44
0.6
1.15
0.3
SMD2920-050
6.73
7.98
4.8
5.44
0.6
1.15
0.3
SMD2920-075
6.73
7.98
4.8
5.44
0.6
1.15
0.3
SMD2920-100
6.73
7.98
4.8
5.44
0.4
1.00
0.3
SMD2920-125
6.73
7.98
4.8
5.44
0.4
0.90
0.3
SMD2920-150
6.73
7.98
4.8
5.44
0.4
0.90
0.3
SMD2920-185
6.73
7.98
4.8
5.44
0.3
0.90
0.3
SMD2920-200
6.73
7.98
4.8
5.44
0.3
0.90
0.3
SMD2920-250
6.73
7.98
4.8
5.44
0.3
0.90
0.3
SMD2920-260
6.73
7.98
4.8
5.44
0.3
0.90
0.3
SMD2920-300
6.73
7.98
4.8
5.44
0.3
0.90
0.3


Similar Part No. - SMD2920

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMD2920 ETC1-SMD2920 Datasheet
272Kb / 8P
Surface Mount PTC Devices
logo
Littelfuse
SMD2920 LITTELFUSE-SMD2920 Datasheet
93Kb / 2P
POLYFUSE RESETTABLE FUSES SMD Type, 6 V - 60 V
logo
HuaXinAn Electronics CO...
SMD2920 HUAXINAN-SMD2920 Datasheet
311Kb / 2P
Resettable Fuse PTC
SMD2920 HUAXINAN-SMD2920 Datasheet
388Kb / 6P
Resettable Fuse PTC SMD2920 Series
SMD2920 HUAXINAN-SMD2920 Datasheet
387Kb / 6P
Resettable Fuse PTC SMD2920 Series
More results

Similar Description - SMD2920

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KMC3S005 THINKING-KMC3S005 Datasheet
647Kb / 16P
Polymer PTC Resettable Fuse
KSM0150120 THINKING-KSM0150120 Datasheet
194Kb / 4P
Polymer PTC Resettable Fuse
logo
List of Unclassifed Man...
MC33196 ETC-MC33196 Datasheet
1Mb / 4P
Resettable Fuse
logo
HuaXinAn Electronics CO...
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
Resettable Fuse PTC
JK60005 HUAXINAN-JK60005 Datasheet
304Kb / 2P
Resettable Fuse PTC
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
Resettable Fuse PTC
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
Resettable Fuse PTC
logo
Shanghai Yint Electroni...
SMD2018 YINT-SMD2018 Datasheet
404Kb / 3P
POLYMER RESETTABLE FUSE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com