Electronic Components Datasheet Search
  English  ▼

X  

SMD2920 Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # SMD2920
Description  POLYMER RESETTABLE FUSE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMD2920 Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  SMD2920 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMD2920 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMD2920 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMD2920 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
POLYMER RESETTABLE FUSE
Trustworthy electronic circuit protection
expert
SMD2920 Series
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics
Model
Vmax(Vdc)
Imax(A)
Ihold
@25℃
(A)
Itrip @
25℃
(A)
Pd
Max
(W)
Max Time
to trip
Resistance
Current
(A)
Time
(Sec)
R1min
(Ω)
R1max
(
Ω
)
SMD2920-030
60
10
0.30
0.60
1.5
1.5
3.0
0.600
4.800
SMD2920-050
60
10
0.50
1.00
1.5
2.5
4.0
0.180
1.400
SMD2920-075
33
40
0.75
1.50
1.5
8.0
0.3
0.100
1.000
SMD2920-100
33
40
1.00
2.00
1.5
8.0
0.5
0.065
0.410
SMD2920-125
33
40
1.25
2.50
1.5
8.0
2.0
0.050
0.250
SMD2920-150
33
40
1.50
3.00
1.5
8.0
2.0
0.035
0.230
SMD2920-185
33
40
1.85
3.70
1.5
8.0
2.5
0.030
0.150
SMD2920-200
16/24
40
2.00
4.00
1.5
8.0
4.5
0.020
0.120
SMD2920-250
16
40
2.50
5.00
1.5
8.0
16.0
0.020
0.085
SMD2920-260
6
40
2.60
5.20
1.5
8.0
10.0
0.014
0.075
SMD2920-300
6/16
40
3.00
6.00
1.5
8.0
20.0
0.012
0.048
Thermal Derating (A)
Model
-40℃
-20℃
0℃
25℃
40℃
50℃
60℃
70℃
85℃
SMD2920-030
0.45
0.40
0.35
0.30
0.25
0.23
0.20
0.17
0.14
SMD2920-050
0.76
0.67
0.59
0.50
0.42
0.38
0.33
0.29
0.23
SMD2920-075
1.13
1.01
0.88
0.75
0.62
0.56
0.50
0.44
0.34
SMD2920-100
1.66
1.47
1.29
1.00
0.91
0.83
0.73
0.64
0.50
SMD2920-125
1.89
1.68
1.46
1.25
1.04
0.94
0.83
0.73
0.56
SMD2920-150
2.27
2.01
1.76
1.50
1.25
1.13
1.00
0.87
0.74
SMD2920-185
2.80
2.47
2.17
1.85
1.54
1.39
1.22
1.07
0.85
SMD2920-200
3.02
2.68
2.34
2.00
1.66
1.50
1.32
1.16
0.90
SMD2920-250
3.78
3.35
2.93
2.50
2.08
1.88
1.65
1.45
1.13
SMD2920-260
3.64
3.25
2.91
2.60
2.26
2.08
1.95
1.74
1.13
SMD2920-300
4.53
4.02
3.51
3.00
2.52
2.26
1.99
1.75
1.34



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com