Electronic Components Datasheet Search
  English  ▼

X  

SMD2920 Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # SMD2920
Description  POLYMER RESETTABLE FUSE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMD2920 Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  SMD2920 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMD2920 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMD2920 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMD2920 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
POLYMER RESETTABLE FUSE
Trustworthy electronic circuit protection
expert
SMD2920 Series
www.yint.com.cn
Rev:19.3
3
IH/T-chart
Test Procedures and Requirements
Test
Test Conditions
Accept/Reject Criteria
Resistance
In still air @ 25℃
Rmin≤R≤R1max
Time to Trip
Vmax, 25℃
, In still air @ 25℃
T≤max. time to trip(seconds)
Hold Current
30 min. at IH
, In still air @ 25℃
No trip
Trip Cycle Life
Vmax, Imax, 100 cycles
, In still air
@ 25℃
No arcing or burning
Trip Endurance
Vmax, 1 hours
, In still air @ 25℃
No arcing or burning
Solder Reflow Conditions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com