Electronic Components Datasheet Search
  English  ▼

X  

VSP2272M Datasheet(PDF) 5 Page - Texas Instruments

Part # VSP2272M
Description  CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP2272M Datasheet(HTML) 5 Page - Texas Instruments

  VSP2272M Datasheet HTML 1Page - Texas Instruments VSP2272M Datasheet HTML 2Page - Texas Instruments VSP2272M Datasheet HTML 3Page - Texas Instruments VSP2272M Datasheet HTML 4Page - Texas Instruments VSP2272M Datasheet HTML 5Page - Texas Instruments VSP2272M Datasheet HTML 6Page - Texas Instruments VSP2272M Datasheet HTML 7Page - Texas Instruments VSP2272M Datasheet HTML 8Page - Texas Instruments VSP2272M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
VSP2272
SLES020 – DECEMBER 2001
5
www.ti.com
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage: VCC, DRVDD
4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage differences: VCC
±0.1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ground voltage differences: GNDA, DRVDD
±0.1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage
–0.3 V to 5.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage
–0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current (any leads except supplies)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating temperature
–25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 5 sec)
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package temperature (IR reflow, peak, 10 sec)
235
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
electrical characteristics all specifications at TA = 25°C, VCC = 3 V, DRVDD = 3 V, conversion rate
(fADCCK) = 20 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VSP2272Y, VSP2272M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
Bits
Maximum conversion rate
28
MHz
DIGITAL INPUTS
Logic family
TTL
VT+
Input low-to-high threshold voltage
1.7
V
VT–
Input high-to-low threshold voltage
1
V
IIH
Input logic high current
VI = 3 V
±20
µA
IIL
Input logic low current
VI = 0 V
±20
µA
ADCCK clock duty cycle
50%
Input capacitance
5
pF
Maximum input voltage
– 0.3
5.3
V
DIGITAL OUTPUTS
Logic family
CMOS
Logic coding
Straight binary
VOH
Output logic high voltage
IOH = –2 mA
2.4
V
VOL
Output logic low voltage
IOL = 2 mA
0.4
V
J[1:0] = 00
0
Additional output data delay
J[1:0] = 01
5
ns
Additional output data delay
J[1:0] = 10
10
ns
J[1:0] = 11
13
REFERENCE
Positive reference voltage
1.75
V
Negative reference voltage
1.25
V
ANALOG INPUT (CCDIN)
Input signal level for full-scale out
PGA gain = 0 dB
900
mV
Input capacitance
15
pF
Input limit
–0.3
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com