Electronic Components Datasheet Search
  English  ▼

X  

VSP2272M Datasheet(PDF) 6 Page - Texas Instruments

Part # VSP2272M
Description  CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP2272M Datasheet(HTML) 6 Page - Texas Instruments

Back Button VSP2272M Datasheet HTML 2Page - Texas Instruments VSP2272M Datasheet HTML 3Page - Texas Instruments VSP2272M Datasheet HTML 4Page - Texas Instruments VSP2272M Datasheet HTML 5Page - Texas Instruments VSP2272M Datasheet HTML 6Page - Texas Instruments VSP2272M Datasheet HTML 7Page - Texas Instruments VSP2272M Datasheet HTML 8Page - Texas Instruments VSP2272M Datasheet HTML 9Page - Texas Instruments VSP2272M Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
VSP2272
SLES020 – DECEMBER 2001
6
www.ti.com
electrical characteristics all specifications at TA = 25°C, VCC = 3 V, DRVDD = 3 V, conversion rate
(fADCCK) = 20 MHz (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
VSP2272Y, VSP2272M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSFER CHARACTERISTICS
DNL
Differential nonlinearity
PGA gain = 0 dB
±0.5
LSB
INL
Integral nonlinearity
PGA gain = 0 dB
±1
LSB
No missing codes
Assured
Step response settling time
Full-scale step input
1
pixel
Overload recovery time
Step input from 1.8 V to 0 V
2
pixels
Data latency
9 (fixed)
Clock
Cycles
Signal to noise ratio (see Note 1)
Grounded input capacitor, PGA gain = 0 dB
77
dB
Signal-to-noise ratio (see Note 1)
Grounded input capacitor, gain = 24 dB
53
dB
CCD offset correction range
–180
200
mV
CDS
Reference sample settling time
Within 1 LSB, driver impedance = 50
Ω
8.9
ns
Data sample settling time
Within 1 LSB, driver impedance = 50
Ω
8.9
ns
INPUT CLAMP
Clamp-on resistance
400
Ω
Clamp level
1.5
V
PROGRAMMABLE GAIN AMPLIFIER (PGA)
Gain control resolution
10
Bits
Maximum gain
Gain code = 1111111111
42
High gain
Gain code = 1101001000
34
Medium gain
Gain code = 1000100000
20
dB
Low gain
Gain code = 0010000000
0
dB
Minimum gain
Gain code = 0000000000
–6
Gain control error
±0.5
OPTICAL BLACK CLAMP LOOP
Control DAC resolution
10
Bits
Optical black clamp level
Programmable range of clamp level
2
242
LSB
Optical black clamp level
OBCLP level at CODE = 1000
130
LSB
Minimum output current for control DAC
COB pin
±0.15
µA
Maximum output current for control DAC
COB pin
±153
µA
Loop time constant
CCOB = 0.1 µF
40.7
µs
Slew rate
CCOB = 0.1 µF, Saturated output current of
control DAC
1530
V/s
POWER SUPPLY
Supply voltage
VCC, DRVDD
2.7
3
3.6
V
Power dissipation
Normal operation mode: No load
94
mW
Power dissipation
Stand-by mode: fADCCK = Does not apply
6
mW
TEMPERATURE RANGE
Operating temperature
–25
85
°C
θ
Thermal resistance
VSP2272Y: 48-lead LQFP
100
°C/W
θJA
Thermal resistance
VSP2272M: 48-lead P-VQFN
107
°C/W
NOTE 1: SNR = 20 log (full-scale voltage / rms noise)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com