Electronic Components Datasheet Search
  English  ▼

X  

VSP2272M Datasheet(PDF) 8 Page - Texas Instruments

Part # VSP2272M
Description  CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP2272M Datasheet(HTML) 8 Page - Texas Instruments

Back Button VSP2272M Datasheet HTML 2Page - Texas Instruments VSP2272M Datasheet HTML 3Page - Texas Instruments VSP2272M Datasheet HTML 4Page - Texas Instruments VSP2272M Datasheet HTML 5Page - Texas Instruments VSP2272M Datasheet HTML 6Page - Texas Instruments VSP2272M Datasheet HTML 7Page - Texas Instruments VSP2272M Datasheet HTML 8Page - Texas Instruments VSP2272M Datasheet HTML 9Page - Texas Instruments VSP2272M Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
VSP2272
SLES020 – DECEMBER 2001
8
www.ti.com
timing specifications (continued)
VSP2272 serial interface
SLOAD
SCLK
SDATA
tw(CKH)
t(CKP)
MSB
LSB
tsu(X)
th(X)
tw(CKL)
tsu(D)
th(D)
2 Bytes
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
t(CKP)
Clock period
100
ns
tw(CKH)
Clock high pulse width
40
ns
tw(CKL)
Clock low pulse width
40
ns
tsu(D)
Data setup time
30
ns
th(D)
Data hold time
30
ns
tsu(X)
SLOAD to SCLK setup time
30
ns
th(X)
SCLK to SLOAD hold time
30
ns
NOTES: 12. Data shift operation must decode at the rising edges of SCLK while SLOAD is low. Two bytes of input data are loaded to the parallel
latch in the VSP2272 device at the rising edge of SLOAD.
13. When the input serial data is longer than 2 bytes (16 bits), the last 2 bytes become effective and the former bits are lost.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com