Electronic Components Datasheet Search
  English  ▼

X  

PT4301 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT4301
Description  Low Power High Sensitivity 315/434MHz OOK/ASK Superheterodyne Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4301 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT4301 Datasheet HTML 1Page - Princeton Technology Corp PT4301 Datasheet HTML 2Page - Princeton Technology Corp PT4301 Datasheet HTML 3Page - Princeton Technology Corp PT4301 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PT4301
V1.4
2
October 2010
APPLICATION CIRCUIT
XOUT
1
REGIF
2
LNAIN
3
VSSLNA
4
LNAOUT
5
REGRF
6
MIXIN
7
VSSMIX
8
MIXOUT
9
VSSDIG
10
REGDIG
11
AGCDIS
12
LIMIN
13
LIMINB
14
DFO
15
DSN
16
OPP
17
DFFB
18
DSP
19
VDD5
20
DATA
21
PDOUT
22
CE
23
XIN
24
PTC
PT4301
X1
CE
PWR
VDD5
C1
C2
C3
C4
L1
C5
C6
C7
L2
R1
F1
C8
C10
C9
R2
C11
C12
R5
R4
C14
C15
C13
R3
U1
R6
C16
REGDIG
L3
R7
BILL OF MATERIALS
Component
Value
Unit
Description
315MHz
434MHz
R1, R4
10
10
Ω
Power supply de-coupling resistors (option)
R2
27K
27K
Ω
Data filter to data slicer interface resistor
R3
8.2M
8.2M
Ω
Data slicer threshold adjustment (option)
R5
220K
220K
Ω
Data filter to data slicer interface resistor
R6
100K
100K
Ω
AGC disable
R7
5.6K
5.6K
Ω
REGDIS discharge resistor (option)
L1
68n
39n
H
LNA input matching, coil inductor
L2
47n
27n
H
LNA output matching
L3
39n
27n
H
Antenna ESD protection, coil inductor (option)
C1Note1 ,C7, C12
100n
100n
F
Power supply de-coupling resistors
C2
10p
10p
F
LNA input matching
C3
-
-
F
LNA input matching (option)
C4
1.8p
1.2p
F
LNA input matching
C5
-
-
F
LNA output matching (option)
C6
100p
100p
F
LNA to mixer interface capacitor
C8
1.5n
1.5n
F
IF amplifier de-coupling capacitor
C9
470n
470n
F
Data slicer threshold charge capacitor
C10
390p
390p
F
Data filter capacitor
C11
1.2n
1.2n
F
Data filter capacitor
C13
-
-
F
Peak mode charge capacitor (option)
C14, C15
27p
27p
F
Crystal oscillator frequency fine tune capacitors
C16
100n
100n
F
AGC high gain mode quick start capacitor
F1Note2
10.7
10.7
MHz
IF filter
X1
9.509
13.226
MHz
Reference crystal oscillator
U1
PT4301 IC
PT4301 IC
-
Receiver chip
Notes:
1. C1 could be separated into three de-coupling capacitors and connect them against the three VDD pins as close as possible.
2. F1 is the 10.7MHz ceramic filter. The recommended part number is Murata SFELA10M7HA00-B0.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com