Electronic Components Datasheet Search
  English  ▼

X  

PT4301 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT4301
Description  Low Power High Sensitivity 315/434MHz OOK/ASK Superheterodyne Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4301 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT4301 Datasheet HTML 1Page - Princeton Technology Corp PT4301 Datasheet HTML 2Page - Princeton Technology Corp PT4301 Datasheet HTML 3Page - Princeton Technology Corp PT4301 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PT4301
Low Power High Sensitivity 315/434MHz
OOK/ASK Superheterodyne Receiver
Tel: 886-2-66296288
‧Fax: 886-2-29174598‧ http://www.princeton.com.tw‧2F, No. 233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
The PT4301 is a very low power and highly sensitive
single chip OOK/ASK super-heterodyne receiver for
the 315MHz and 434MHz frequency bands that offers a
high level of integration and requires only a few
external components. The PT4301 consists of a
low-noise amplifier (LNA), an image-rejection mixer, an
on-chip phase-locked loop (PLL) with integrated
voltage-controlled oscillator (VCO) and loop filter, a
10.7MHz intermediate frequency (IF) limiting amplifier
stage with received-signal-strength indicator (RSSI),
and analog baseband data recovery circuitry (data
filter, peak detector, and data slicer). The PT4301 also
implements a discrete one-step automatic gain control
(AGC) that reduces the LNA gain by 20dB when the RF
input signal is greater than -47dBm. The PT4301 is
available in a 24-pin SSOP package.
FEATURES
 Low current consumption (5mA fully active mode at
315MHz)
 2.4V to 5.5V supply voltage operation range
 Optimized for 315MHz or 434MHz ISM Band
 On-chip image-rejection function
 High dynamic range with on-chip AGC
 Low power down mode current (<1A)
 High sensitivity of -114dBm (315MHz, 2Kb/s AM 99%
square-wave modulation)
 24-pin SSOP package
APPLICATIONS
 Remote keyless entry (RKE) systems
 Remote control systems including garage door and
gate openers
 Alarm and security systems
 Wireless sensors
BLOCK DIAGRAM


Similar Part No. - PT4301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4301 TI1-PT4301 Datasheet
213Kb / 4P
3-7 Watt 48V-Input Isolated DC/DC Converter
PT4301A TI-PT4301A Datasheet
215Kb / 3P
3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4301A TI1-PT4301A Datasheet
213Kb / 4P
3-7 Watt 48V-Input Isolated DC/DC Converter
PT4301C TI-PT4301C Datasheet
215Kb / 3P
3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4301C TI1-PT4301C Datasheet
213Kb / 4P
3-7 Watt 48V-Input Isolated DC/DC Converter
More results

Similar Description - PT4301

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX1471 MAXIM-MAX1471_05 Datasheet
396Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
logo
Princeton Technology Co...
PT4316 PTC-PT4316 Datasheet
490Kb / 27P
Low Power 315/433 MHz OOK/ASK Superheterodyne Receiver with SAW-based Oscillator
logo
Maxim Integrated Produc...
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_11 Datasheet
328Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com