Electronic Components Datasheet Search
  English  ▼

X  

PT4301 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT4301
Description  Low Power High Sensitivity 315/434MHz OOK/ASK Superheterodyne Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4301 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT4301 Datasheet HTML 1Page - Princeton Technology Corp PT4301 Datasheet HTML 2Page - Princeton Technology Corp PT4301 Datasheet HTML 3Page - Princeton Technology Corp PT4301 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PT4301
V1.4
3
October 2010
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT4301-X
24 Pins, SSOP, 150mil
PT4301-X
PIN CONFIGURATION
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
XOUT
O
Crystal oscillator output
1
REGIF
P
Supply voltage for IF portion
2
LNAIN
I
LNA input
3
VSSLNA
G
Ground for LNA
4
LNAOUT
O
LNA output
5
REGRF
P
Supply voltage for RF portion
6
MIXIN
I
Mixer input
7
VSSMIX
G
Ground for image-rejection mixer
8
MIXOUT
O
Mixer output
9
VSSDIG
G
Ground for LO and digital portions
10
REGDIG
P
Supply voltage for LO and digital portions
11
AGCDIS
I
AGC control pin. Pull high (connect to VDD5) to disable AGC
12
LIMIN
I
Limiting amplifier input
13
LIMINB
I
Limiter amplifier de-coupling input
14
DFO
O
Data filter output
15
DSN
I
Negative data slicer input
16
OPP
I
Non-inverting op-amp input for Sallen-Key data filter
17
DFFB
I/O
Data filter feedback node
18
DSP
I
Positive data slicer input
19
VDD5
P
5V supply voltage
20
DATA
O
Data output
21
PDOUT
O
Peak detector output
22
CE
I
Chip enable pin. Pull high (connect to VDD5) to power on the chip
23
XIN
I
Crystal oscillator input
24
Note: Pin 13 and Pin 14 are identical pins. Users can choose either pin as the limiting amplifier input and treat the other pin as the de-coupling input.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com