Electronic Components Datasheet Search
  English  ▼

X  

BUH150 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUH150
Description  POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUH150 Datasheet(HTML) 2 Page - ON Semiconductor

  BUH150 Datasheet HTML 1Page - ON Semiconductor BUH150 Datasheet HTML 2Page - ON Semiconductor BUH150 Datasheet HTML 3Page - ON Semiconductor BUH150 Datasheet HTML 4Page - ON Semiconductor BUH150 Datasheet HTML 5Page - ON Semiconductor BUH150 Datasheet HTML 6Page - ON Semiconductor BUH150 Datasheet HTML 7Page - ON Semiconductor BUH150 Datasheet HTML 8Page - ON Semiconductor BUH150 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BUH150
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage
(IC = 100 mA, L = 25 mH)
VCEO(sus)
400
460
Vdc
Collector–Base Breakdown Voltage
(ICBO = 1 mA)
VCBO
700
860
Vdc
Emitter–Base Breakdown Voltage
(IEBO = 1 mA)
VEBO
10
12.3
Vdc
Collector Cutoff Current
(VCE = Rated VCEO, IB = 0)
ICEO
100
µAdc
Collector Cutoff Current
(VCE = Rated VCES, VEB = 0)
@ TC = 25°C
@ TC = 125°C
ICES
100
1000
µAdc
Collector Base Current
(VCB = Rated VCBO, VEB = 0)
@ TC = 25°C
@ TC = 125°C
ICBO
100
1000
µAdc
Emitter–Cutoff Current
(VEB = 9 Vdc, IC = 0)
IEBO
100
µAdc
ON CHARACTERISTICS
Base–Emitter Saturation Voltage
(IC = 10 Adc, IB = 2 Adc)
VBE(sat)
1
1.25
Vdc
Collector–Emitter Saturation Voltage
(IC = 2 Adc, IB = 0.4 Adc)
@ TC = 25°C
@ TC = 125°C
VCE(sat)
0.16
0.15
0.4
0.4
Vdc
(IC = 10 Adc, IB = 2 Adc)
@ TC = 25°C
0.45
1
Vdc
(IC = 20 Adc, IB = 4 Adc)
@ TC = 25°C
2
5
Vdc
DC Current Gain (IC = 20 Adc, VCE = 5 Vdc)
@ TC = 25°C
@ TC = 125°C
hFE
4
2.5
7
4.5
—
DC Current Gain (IC = 10 Adc, VCE = 5 Vdc)
@ TC = 25°C
@ TC = 125°C
8
6
12
10
—
DC Current Gain (IC = 2 Adc, VCE = 1 Vdc)
@ TC = 25°C
@ TC = 125°C
12
14
20
22
—
DC Current Gain (IC = 100 mAdc, VCE = 5 Vdc)
@ TC = 25°C
10
20
—
DYNAMIC SATURATION VOLTAGE
Dynamic Saturation
Voltage:
Determined 3
µs after
rising IB1 reaches
90% of final IB1
(see Figure 19)
IC = 5 Adc, IB1 = 1 Adc
VCC = 300 V
@ TC = 25°C
VCE(dsat)
1.5
V
Voltage:
Determined 3
µs after
rising IB1 reaches
90% of final IB1
(see Figure 19)
IC = 5 Adc, IB1 = 1 Adc
VCC = 300 V
@ TC = 125°C
2.8
V
µs after
rising IB1 reaches
90% of final IB1
(see Figure 19)
IC = 10 Adc, IB1 = 2 Adc
VCC = 300 V
@ TC = 25°C
2.4
V
90% of final IB1
(see Figure 19)
IC = 10 Adc, IB1 = 2 Adc
VCC = 300 V
@ TC = 125°C
5
V
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth
(IC = 1 Adc, VCE = 10 Vdc, f = 1 MHz)
fT
23
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1 MHz)
Cob
100
150
pF
Input Capacitance
(VEB = 8 Vdc, f = 1 MHz)
Cib
1300
1750
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com