Electronic Components Datasheet Search
  English  ▼

X  

BUH150 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BUH150
Description  POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUH150 Datasheet(HTML) 3 Page - ON Semiconductor

  BUH150 Datasheet HTML 1Page - ON Semiconductor BUH150 Datasheet HTML 2Page - ON Semiconductor BUH150 Datasheet HTML 3Page - ON Semiconductor BUH150 Datasheet HTML 4Page - ON Semiconductor BUH150 Datasheet HTML 5Page - ON Semiconductor BUH150 Datasheet HTML 6Page - ON Semiconductor BUH150 Datasheet HTML 7Page - ON Semiconductor BUH150 Datasheet HTML 8Page - ON Semiconductor BUH150 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BUH150
3
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
SWITCHING CHARACTERISTICS: Resistive Load (D.C.
≤ 10%, Pulse Width = 40 µs)
Turn–on Time
IC = 2 Adc, IB1 = 0.2 Adc
IB2 = 0.2 Adc
VCC = 300 Vdc
@ TC = 25°C
ton
200
300
ns
Storage Time
IC = 2 Adc, IB1 = 0.2 Adc
IB2 = 0.2 Adc
VCC = 300 Vdc
@ TC = 25°C
ts
5.3
6.5
µs
Fall Time
IB2 = 0.2 Adc
VCC = 300 Vdc
@ TC = 25°C
tf
240
350
ns
Turn–off Time
CC = 300 Vdc
@ TC = 25°C
toff
5.6
7
µs
Turn–on Time
IC = 2 Adc, IB1 = 0.4 Adc
IB2 = 0.4 Adc
VCC = 300 Vdc
@ TC = 25°C
ton
100
200
ns
Storage Time
IC = 2 Adc, IB1 = 0.4 Adc
IB2 = 0.4 Adc
VCC = 300 Vdc
@ TC = 25°C
ts
6.1
7.5
µs
Fall Time
IB2 = 0.4 Adc
VCC = 300 Vdc
@ TC = 25°C
tf
320
500
ns
Turn–off Time
CC = 300 Vdc
@ TC = 25°C
toff
6.5
8
µs
Turn–on Time
IC = 5 Adc, IB1 = 0.5 Adc
IB2 = 0.5 Adc
VCC = 300 Vdc
@ TC = 25°C
@ TC = 125°C
ton
450
800
650
ns
Turn–off Time
IB2 = 0.5 Adc
VCC = 300 Vdc
@ TC = 25°C
@ TC = 125°C
toff
2.5
3.9
3
µs
Turn–on Time
IC = 10 Adc, IB1 = 2 Adc
IB2 = 2 Adc
VCC = 300 Vdc
@ TC = 25°C
@ TC = 125°C
ton
500
900
700
ns
Turn–off Time
IB2 = 2 Adc
VCC = 300 Vdc
@ TC = 25°C
@ TC = 125°C
toff
2.25
2.75
2.75
µs
SWITCHING CHARACTERISTICS: Inductive Load (Vclamp = 300 V, VCC = 15 V, L = 200 µH)
Fall Time
IC = 2 Adc
IB1 = 0.2 Adc
IB2 = 0.2 Adc
@ TC = 25°C
@ TC = 125°C
tfi
110
160
250
ns
Storage Time
IC = 2 Adc
IB1 = 0.2 Adc
IB2 = 0.2 Adc
@ TC = 25°C
@ TC = 125°C
tsi
6.5
8
8
µs
Crossover Time
IB2 = 0.2 Adc
@ TC = 25°C
@ TC = 125°C
tc
235
240
350
ns
Fall Time
IC = 2 Adc
IB1 = 0.4 Adc
IB2 = 0.4 Adc
@ TC = 25°C
@ TC = 125°C
tfi
110
170
250
ns
Storage Time
IC = 2 Adc
IB1 = 0.4 Adc
IB2 = 0.4 Adc
@ TC = 25°C
@ TC = 125°C
tsi
6
7.8
7.5
µs
Crossover Time
IB2 = 0.4 Adc
@ TC = 25°C
@ TC = 125°C
tc
250
270
350
ns
Fall Time
IC = 5 Adc
IB1 = 0.5 Adc
IB2 = 0.5 Adc
@ TC = 25°C
@ TC = 125°C
tfi
110
140
150
ns
Storage Time
IC = 5 Adc
IB1 = 0.5 Adc
IB2 = 0.5 Adc
@ TC = 25°C
@ TC = 125°C
tsi
3.25
4.6
3.75
µs
Crossover Time
IB2 = 0.5 Adc
@ TC = 25°C
@ TC = 125°C
tc
275
450
350
ns
Fall Time
IC = 10 Adc
IB1 = 2 Adc
IB2 = 2 Adc
@ TC = 25°C
@ TC = 125°C
tfi
110
160
175
ns
Storage Time
IC = 10 Adc
IB1 = 2 Adc
IB2 = 2 Adc
@ TC = 25°C
@ TC = 125°C
tsi
2.3
2.8
2.75
µs
Crossover Time
IB2 = 2 Adc
@ TC = 25°C
@ TC = 125°C
tc
250
475
350
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com