Electronic Components Datasheet Search
  English  ▼

X  

BUH150 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BUH150
Description  POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUH150 Datasheet(HTML) 4 Page - ON Semiconductor

  BUH150 Datasheet HTML 1Page - ON Semiconductor BUH150 Datasheet HTML 2Page - ON Semiconductor BUH150 Datasheet HTML 3Page - ON Semiconductor BUH150 Datasheet HTML 4Page - ON Semiconductor BUH150 Datasheet HTML 5Page - ON Semiconductor BUH150 Datasheet HTML 6Page - ON Semiconductor BUH150 Datasheet HTML 7Page - ON Semiconductor BUH150 Datasheet HTML 8Page - ON Semiconductor BUH150 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BUH150
4
Motorola Bipolar Power Transistor Device Data
TYPICAL STATIC CHARACTERISTICS
Figure 1. DC Current Gain @ 1 Volt
100
10
1
10
1
0.1
0.001
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
TJ = 25°C
TJ = – 20°C
VCE = 1 V
Figure 2. DC Current Gain @ 3 Volt
100
10
1
10
1
0.1
0.001
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
TJ = 25°C
TJ = – 20°C
VCE = 3 V
0.01
0.01
Figure 3. DC Current Gain @ 5 Volt
100
10
1
100
1
0.1
0.01
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
TJ = 25°C
TJ = – 20°C
VCE = 5 V
10
Figure 4. Collector–Emitter Saturation Voltage
10
1
0.01
100
1
0.1
0.001
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
TJ = 25°C
TJ = – 20°C
IC/IB = 5
0.1
Figure 5. Collector–Emitter Saturation Voltage
10
1
0.01
10
1
0.1
0.001
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
TJ = 25°C
0.1
0.01
Figure 6. Base–Emitter Saturation Region
1.5
1
0
100
1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
TJ = 25°C
TJ = – 20°C
IC/IB = 5
0.5
0.1
0.01
10
IC/IB = 10
10
100
100
100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com