Electronic Components Datasheet Search
  English  ▼

X  

HCPL-786J Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-786J
Description  Optically Isolated Sigma-Delta Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-786J Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-786J Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Notes:
1. Insulation characteristics are guaranteed only within the safety maximum ratings, which must be
ensured by protective circuits within the application. Surface Mount Classifications is Class A in
accordance with CECC00802.
2. Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog,
under Product Safety Regulations section, (IEC/EN/DIN EN 60747-5-2) for a detailed description
of Method a and Method b partial discharge test profiles.
3. Refer to the following figure for dependence of PS and IS on ambient temperature.
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics[1]
Insulation and Safety Related Specifications
Option 300 - surface mount classification is Class A in accordance with CECC 00802.
Description
Symbol
HCPL-7860/786J Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
≤ 300 V
rms
for rated mains voltage
≤ 450 V
rms
for rated mains voltage
≤ 600 V
rms
I - IV
I - III
I - II
Climatic Classification
40/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
891
Vpeak
Input to Output Test Voltage, Method b[2]
VIORM x 1.875=VPR, 100% Production Test with
tm=1 sec, Partial discharge < 5 pC
VPR
1670
Vpeak
Input to Output Test Voltage, Method a*
VIORM x 1.5=VPR, Type and Sample Test,
tm=60 sec,Partial discharge < 5 pC
VPR
1336
Vpeak
Highest Allowable Overvoltage(Transient Overvoltage tini = 10 sec)
VIOTM
6000
Vpeak
Safety-limiting values - maximum values allowed in the event of a failure.
Case Temperature
Input Current[3]
Output Power[3]
TS
IS, INPUT
PS, OUTPUT
175
400
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
Ω
Parameter
Symbol
DIP-8
SO-16
Units
Conditions
Minimum External Air Gap
(Clearance)
L(101)
7.4
8.3
mm
Measured from input terminals to output
terminals, shortest distance through air.
Minimum External
Tracking (Creepage)
L(102)
8.0
8.3
mm
Measured from input terminals to output
terminals, shortest distance path along body.
Minimum Internal Plastic
Gap (Internal Clearance)
0.5
0.5
mm
Through insulation distance conductor to
conductor, usually the straight line distance
thickness between the emitter and detector.
Tracking Resistance
(Comparative Tracking
Index)
CTI
>175
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
0
0
TS - CASE TEMPERATURE -
oC
200
50
400
125
25
75
100
150
600
800
200
100
300
500
700
175
P S (mW)
IS (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com