Electronic Components Datasheet Search
  English  ▼

X  

HCPL-786J Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-786J
Description  Optically Isolated Sigma-Delta Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-786J Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-786J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Figure 10. SNR vs. Conversion Mode.
Figure 11. Effective Resolution vs. Conversion
Mode.
Figure 12. Conversion Time vs. Conversion
Mode.
Figure 13. Signal Delay vs. Conversion Mode.
Figure 14. Over-Range and Threshold Detect
Times.
Figure 15. Signal Bandwidth vs. Conversion
Mode.
CONVERSION MODE #
11
2
14
3
8
12
1
13
10
9
45
CONVERSION MODE #
60
2
80
4
45
70
5
75
55
50
65
3
1
CONVERSION MODE #
100
80
2
200
3
0
140
PRE-TRIGGER
MODE 2
180
1
160
120
60
40
20
PRE-TRIGGER
MODE 0
PRE-TRIGGER
MODE 1
45
CONVERSION MODE #
40
2
100
3
0
80
1
90
30
20
60
70
50
10
45
2 µs/DIV.
VIN+(200 mV/DIV.)
OVR1 (200 mV/DIV.)
THR1
(2 V/DIV.)
CONVERSION MODE #
40
2
100
3
0
80
1
90
30
20
60
70
50
10
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com