Electronic Components Datasheet Search
  English  ▼

X  

HCPL-786J Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL-786J
Description  Optically Isolated Sigma-Delta Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-786J Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL-786J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 16Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
Applications Information
Digital Current Sensing
As shown in Figure 16, using
the Isolated 2-chip A/D
converter to sense current can
be as simple as connecting a
current-sensing resistor, or
shunt, to the input and
reading output data through
the 3-wire serial output
interface. By choosing the
appropriate shunt resistance,
any range of current can be
monitored, from less than 1 A
to more than 100 A.
Even better performance can
be achieved by fully utilizing
the more advanced features of
the Isolated A/D converter,
such as the pre-trigger circuit,
which can reduce conversion
time to less than 1
µs, the fast
over-range detector for quickly
detecting short circuits,
different conversion modes
giving various resolution/speed
trade-offs, offset calibration
mode to eliminate initial offset
from measurements, and an
adjustable threshold detector
for detecting non-short circuit
overload conditions.
Figure 16. Typical Application Circuit.
R SHUNT
0.02
INPUT
CURRENT
V DD1
ISOLATED
+ 5 V
V IN+
V IN-
GND1
V DD2
MCLK
MDAT
GND2
C1
0.1 µF
+
CDAT
SCLK
CCLK
V DD
CLAT
CHAN
MCLK1
SDAT
MDAT1
CS
MCLK2
THR1
MDAT2
OVR1
GND
RESET
NON-ISOLATED
+ 5 V
C3
10 µF
+
HCPL-7860/
HCPL-786J
3-WIRE
SERIAL
INTERFACE
C2
0.1 µF
HCPL-0872



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com