Electronic Components Datasheet Search
  English  ▼

X  

HCPL-354 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-354
Description  AC Input Phototransistor Optocoupler SMD Mini-Flat Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-354 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-354 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
1
VF – FORWARD VOLTAGE – V
2.0
3.0
10
5
500
1.0
0
TA = 75°C
0.5
1.5
2.5
2
20
50
100
200
TA = 50°C
TA = 25°C
TA = 0°C
TA = -25°C
Figure 1. Forward current vs. ambient
temperature.
Figure 2. Collector power dissipation vs.
ambient temperature.
Figure 3. Collector-emitter saturation voltage
vs. forward current.
Figure 4. Forward current vs. forward voltage.
Figure 5. Current transfer ratio vs. forward
current.
Figure 6. Collector current vs. collector-
emitter voltage.
Figure 7. Relative current transfer ratio vs.
ambient temperature.
Figure 8. Collector-emitter saturation
voltage vs. ambient temperature.
Figure 9. Collector dark current vs. ambient
temperature.
0
TA – AMBIENT TEMPERATURE – °C
75
125
50
25
10
40
0
50
100
-55
60
30
20
0
TA – AMBIENT TEMPERATURE – °C
100
50
200
150
75
125
25
0
50
100
-55
0
IF – FORWARD CURRENT – mA
10
100
40
0.2
0.1
20
60
120
140
80
100
0.5
20
150
5
2
VCE = 5 V
TA = 25°C
0
VCE – COLLECTOR-EMITTER VOLTAGE – V
610
40
20
50
3
0
PC (MAX.)
TA = 25°C
IF = 30 mA
IF = 20 mA
IF = 5 mA
30
10
12
45
7
8
9
IF = 1 mA
IF = 10 mA
0
100
50
150
VCE = 5 V
IF = 1 mA
TA – AMBIENT TEMPERATURE – °C
80
40
60
100
20
0
0.10
0.02
IC = 1 mA
IF = 20 mA
TA – AMBIENT TEMPERATURE – °C
80
40
20
60
100
0.04
0.06
0.08
TA – AMBIENT TEMPERATURE – °C
1
80
40
60
100
20
VCE = 20 V
10
100
1000
10000
0
IF – FORWARD CURRENT – mA
10.0
15.0
2
5.0
0
1
3
4
5
6
TA = 25°C
IC = 0.5 mA
IC = 1 mA
IC = 3 mA
IC = 5 mA
IC = 7 mA
2.5
7.5
12.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com