Electronic Components Datasheet Search
  English  ▼

X  

HCPL-354 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-354
Description  AC Input Phototransistor Optocoupler SMD Mini-Flat Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-354 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-354 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Agilent HCPL-354
AC Input Phototransistor
Optocoupler
SMD Mini-Flat Type
Data Sheet
Description
The HCPL-354 contains a
phototransistor, optically coupled to
two light emitting diodes connected
inverse parallel. It can operate
directly by AC input current. It is
packaged in a 4-pin mini-flat SMD
package with a 2.0 mm profile. The
small dimension of this product
allows significant space saving. The
package volume is 30% smaller than
that of conventional DIP type. Input-
output isolation voltage is 3750 Vrms.
Response time, tr, is typically 4 µs
and minimum CTR is 20% at input
current of
± 1 mA.
Functional Diagram
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Features
• AC input response
• Current transfer ratio
(CTR: min. 20% at IF = ± 1 mA,
VCE = 5 V)
• Isolation voltage between input
and output (Viso = 3,750 Vrms)
• Subminiature type
(The volume is smaller than that of
conventional DIP type by as far as
30%)
• Mini-flat package
• 2.0 mm profile
• UL approved
• CSA approved
• IEC/EN/DIN EN 60747-5-2
approved
• Options available:
– IEC/EN/DIN EN 60747-5-2
approvals (060)
Applications
• Detecting or monitoring AC signals
• Programmable controllers
• AC/DC-input modules
• AC line/digital logic isolation
4
1. ANODE, CATHODE
2. CATHODE, ANODE
3. EMITTER
4. COLLECTOR
3
1
2
Ordering Information
Specify Part Number followed by
Option Number (if desired).
HCPL-354-XXXE
Lead Free
Option Number
000 = No Options
060 = IEC/EN/DIN EN 60747-5-2
Option
00A = Rank Mark A


Similar Part No. - HCPL-354

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-000E AVAGO-HCPL-354-000E Datasheet
330Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-00AE AVAGO-HCPL-354-00AE Datasheet
299Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
More results

Similar Description - HCPL-354

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-181 HP-HCPL-181 Datasheet
74Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06BE AVAGO-HCPL-181-06BE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-00AE AVAGO-HCPL-354-00AE Datasheet
299Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06DE AVAGO-HCPL-181-06DE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06AE AVAGO-HCPL-181-06AE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com