Electronic Components Datasheet Search
  English  ▼

X  

HCPL-354 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-354
Description  AC Input Phototransistor Optocoupler SMD Mini-Flat Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-354 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-354 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Figure 10. Response time vs. load resistance.
Figure 11. Frequency response.
Figure 12. Test circuit for response time.
Figure 13. Test circuit for frequency response.
RD
VCC
RL
OUTPUT
;;
;
VCC
RD
INPUT
RL
OUTPUT
INPUT
OUTPUT
10%
90%
td
;;
tr
ts
tf
0.1
RL – LOAD RESISTANCE – kΩ
0.1
5
1
0.5
0.2
0.5
0.2
2
10
2
1
5
10
20
50
100
VCE = 2 V
IC = 2 mA
TA = 25°C
tf
tr
ts
td
f – FREQUENCY – kHz
0.5
10
2
-20
-10
15
0.2
0
100
RL = 10 kΩ
RL = 1 kΩ
RL = 100 Ω
1000
VCE = 2 V
IC = 2 mA
TA = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com