Electronic Components Datasheet Search
  English  ▼

X  

BUL147F Datasheet(PDF) 6 Page - ON Semiconductor

Part # BUL147F
Description  POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL147F Datasheet(HTML) 6 Page - ON Semiconductor

Back Button BUL147F Datasheet HTML 2Page - ON Semiconductor BUL147F Datasheet HTML 3Page - ON Semiconductor BUL147F Datasheet HTML 4Page - ON Semiconductor BUL147F Datasheet HTML 5Page - ON Semiconductor BUL147F Datasheet HTML 6Page - ON Semiconductor BUL147F Datasheet HTML 7Page - ON Semiconductor BUL147F Datasheet HTML 8Page - ON Semiconductor BUL147F Datasheet HTML 9Page - ON Semiconductor BUL147F Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BUL147 BUL147F
3–6
Motorola Bipolar Power Transistor Device Data
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
Figure 18. Dynamic Saturation Voltage Measurements
TIME
VCE
IB
Figure 19. Inductive Switching Measurements
1
µs
3
µs
90% IB
dyn 1
µs
dyn 3
µs
10
9
8
7
6
5
4
3
2
1
0
0
1
2
3
4
5
6
7
8
TIME
IB
IC
tsi
VCLAMP
10% VCLAMP
90% IB1
10% IC
tc
90% IC
tfi
Table 1. Inductive Load Switching Drive Circuit
+15 V
1
µF
150
Ω
3 W
100
Ω
3 W
MPF930
+10 V
50
Ω
COMMON
–Voff
500
µF
MPF930
MTP8P10
MUR105
MJE210
MTP12N10
MTP8P10
150
Ω
3 W
100
µF
Iout
A
1
µF
IC PEAK
VCE PEAK
VCE
IB
IB1
IB2
V(BR)CEO(sus)
L = 10 mH
RB2 =
∞
VCC = 20 VOLTS
IC(pk) = 100 mA
INDUCTIVE SWITCHING
L = 200
µH
RB2 = 0
VCC = 15 VOLTS
RB1 SELECTED FOR
DESIRED IB1
RBSOA
L = 500
µH
RB2 = 0
VCC = 15 VOLTS
RB1 SELECTED
FOR DESIRED IB1
RB2
RB1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com