Electronic Components Datasheet Search
  English  ▼

X  

BUL147F Datasheet(PDF) 4 Page - ON Semiconductor

Part # BUL147F
Description  POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL147F Datasheet(HTML) 4 Page - ON Semiconductor

  BUL147F Datasheet HTML 1Page - ON Semiconductor BUL147F Datasheet HTML 2Page - ON Semiconductor BUL147F Datasheet HTML 3Page - ON Semiconductor BUL147F Datasheet HTML 4Page - ON Semiconductor BUL147F Datasheet HTML 5Page - ON Semiconductor BUL147F Datasheet HTML 6Page - ON Semiconductor BUL147F Datasheet HTML 7Page - ON Semiconductor BUL147F Datasheet HTML 8Page - ON Semiconductor BUL147F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BUL147 BUL147F
3–4
Motorola Bipolar Power Transistor Device Data
Figure 7. Resistive Switching, ton
IC, COLLECTOR CURRENT (AMPS)
IC COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
0
600
IC, COLLECTOR CURRENT (AMPS)
Figure 8. Resistive Switching, toff
Figure 9. Inductive Storage Time, tsi
Figure 10. Inductive Storage Time, tsi(hFE)
Figure 11. Inductive Switching, tc and tfi
IC/IB = 5
Figure 12. Inductive Switching, tc and tfi
IC/IB = 10
500
0
4
8
4000
2000
0
3500
3
hFE, FORCED GAIN
6
300
50
0
IC, COLLECTOR CURRENT (AMPS)
4
7
200
150
0
2000
0
12
15
250
100
2
2
5
8
IC/IB = 5
IC = 2 A
IC = 4.5 A
200
150
100
6
400
300
200
IB(off) = IC/2
VCC = 300 V
PW = 20
µs
IC/IB = 10
4
8
2
6
500
1000
1500
2500
3000
3500
1
3
4
6
7
1000
1500
2500
9
4000
2000
0
500
1000
1500
2500
3000
3500
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
1
2
3
5
6
4
7
8
1
2
3
5
6
tfi
TJ = 25°C
TJ = 125°C
100
1
3
5
7
1
3
5
7
500
3000
4
5
7
8
10
11
13
14
250
50
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 25°C
TJ = 125°C
IC/IB = 5
IC/IB = 10
IB(off) = IC/2
VCC = 300 V
PW = 20
µs
TJ = 125°C
TJ = 25°C
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
IC/IB = 5
IC/IB = 10
TJ = 25°C
TJ = 125°C
tfi
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 25°C
TJ = 125°C
tc
tc
TJ = 25°C
TJ = 125°C
TYPICAL SWITCHING CHARACTERISTICS
(IB2 = IC/2 for all switching)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com