Electronic Components Datasheet Search
  English  ▼

X  

BUL147F Datasheet(PDF) 5 Page - ON Semiconductor

Part # BUL147F
Description  POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL147F Datasheet(HTML) 5 Page - ON Semiconductor

  BUL147F Datasheet HTML 1Page - ON Semiconductor BUL147F Datasheet HTML 2Page - ON Semiconductor BUL147F Datasheet HTML 3Page - ON Semiconductor BUL147F Datasheet HTML 4Page - ON Semiconductor BUL147F Datasheet HTML 5Page - ON Semiconductor BUL147F Datasheet HTML 6Page - ON Semiconductor BUL147F Datasheet HTML 7Page - ON Semiconductor BUL147F Datasheet HTML 8Page - ON Semiconductor BUL147F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BUL147 BUL147F
3–5
Motorola Bipolar Power Transistor Device Data
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
hFE, FORCED GAIN
3
180
hFE, FORCED GAIN
Figure 13. Inductive Fall Time
Figure 14. Inductive Crossover Time
Figure 15. Forward Bias Safe Operating Area
Figure 16. Reverse Bias Switching Safe Operating Area
Figure 17. Forward Bias Power Derating
60
5
15
300
150
50
100
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
9
6
0
0
200
1.0
0.8
0.2
0.0
20
TC, CASE TEMPERATURE (°C)
80
140
160
1
0.01
3
600
800
4
100
1000
DC (BUL147)
5 ms
VBE(off) = 0 V
TC ≤ 125°C
IC/IB ≥ 4
LC = 500 µH
0.6
0.4
6
7
8
9
10
11
12
13
14
80
100
160
3
5
15
4
6
7
8
9
10
11
12
13
14
200
100
IC = 2 A
IC = 4.5 A
TJ = 25°C
TJ = 125°C
10
0.1
EXTENDED
SOA
1 ms
10
µs
1
µs
400
2
1
4
5
–1, 5 V
40
60
100
120
SECOND BREAKDOWN
DERATING
THERMAL DERATING
DC (BUL147F)
120
140
250
100
300
500
700
7
8
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipation
than the curves indicate. The data of Figure 15 is based on TC
= 25
°C; TJ(pk) is variable depending on power level. Second
breakdown pulse limits are valid for duty cycles to 10% but
must be derated when TC > 25°C. Second breakdown limita-
tions do not derate the same as thermal limitations. Allowable
current at the voltages shown in Figure 15 may be found at
any case temperature by using the appropriate curve on Fig-
ure 17. TJ(pk) may be calculated from the data in Figure 20
and 21. At any case temperatures, thermal limitations will re-
duce the power that can be handled to values less than the
limitations imposed by second breakdown. For inductive
loads, high voltage and current must be sustained simulta-
neously during turn–off with the base–to–emitter junction re-
verse–biased. The safe level is specified as a reverse–biased
safe operating area (Figure 16). This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode.
TJ = 25°C
TJ = 125°C
IC = 2 A
IC = 4.5 A
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
– 5 V
GUARANTEED SAFE OPERATING AREA INFORMATION
TYPICAL SWITCHING CHARACTERISTICS
(IB2 = IC/2 for all switching)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com