Electronic Components Datasheet Search
  English  ▼

X  

PS381 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PS381
Description  Precision, 17V Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS381 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PS381 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS381/PS383/PS385
Precision, 17V Analog Switches
5
PS8186A
07/15/98
Electrical Specifications - Single +3.3V Supply
(V+ = +3V to 3.6V, V- = 0V, GND = 0V, V
NH = 2.4V, VINL = 0.8V)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C)
C
°
(
p
m
e
T.
n
i
M
)
1
(
.
p
y
T
)
2
(
.
x
a
M
)
1
(
s
ti
n
U
h
c
ti
w
S
g
o
l
a
n
A
e
g
n
a
R
h
c
ti
w
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
ll
u
F0
+
VV
e
c
n
a
t
si
s
e
R
-
n
O
l
e
n
n
a
h
CR N
O
I
,
V
3
=
+
V
M
O
C
A
m
0
1
-
=
V O
N
V
=
C
N
V
5
.
1
=
5
22
60
5
1
Ω
ll
u
F0
0
2
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
T
)
3
(
t N
O
V M
O
C
2
e
r
u
g
i
F
,
V
5
.
1
=5
2
0
0
4
s
n
e
m
i
T
ff
O
-
n
r
u
T
)
3
(
t FF
O
0
5
1
y
al
e
D
e
m
i
T
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
BtD
3
S
P8
l
n
o
3y
5
20
10
2
n
o
it
c
e
j
n
I
e
g
r
a
h
CQ
CL
,
F
n
1
=V N
E
G
R
,
V
0
=
N
E
G
0
= Ω
5
25
C
p
y
l
p
p
u
S
e
g
n
a
R
y
l
p
p
u
S
-r
e
w
o
P+
V
ll
u
F
7
.
26
1V
t
n
e
rr
u
C
y
l
p
p
u
S
e
v
it
i
s
o
P+
I
V
,f
f
o
r
o
n
o
sl
e
n
n
a
h
c
ll
A
N
I
,
+
V
r
o
V
0
=
V
5
0
=
-
V
,
V
6
.
3
=
+
V
1
-1
µA
t
n
e
rr
u
C
y
l
p
p
u
S
e
v
it
a
g
e
N-I1
-1
Notes:
1. The algebraic convention, where the most negative value is a minimum and the most positive is a maximum, is used in
this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design
4.
∆RΟΝ = ∆RΟΝ max - ∆RΟΝ min
5. Flatness is defined as the difference between the maximum and minimum value of on-resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Off Isolation = 20log10 [ VCOM / (VNO or VNO) ]. See figure 5.
8. Between any two switches. See figure 6.
9. Leakage testing at single-supply is guaranteed by testing with dual supplies.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com