Electronic Components Datasheet Search
  English  ▼

X  

PS381 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PS381
Description  Precision, 17V Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS381 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PS381 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8186A
07/15/98
• Low On-Resistance (16
Ω typ) Minimizes Distortion
and Error Voltages
• Low Glitching Reduces Step Errors in Sample-and-Holds.
Charge Injection, 3pC typ
• Single Supply (+3V to +15V) or Split-Supply
(+3V to +8V) Operation
• Improved Second Sources for MAX381/MAX383/MAX385
• On-Resistance Matching Between Channels, 0.2
Ω typ
• On-Resistance Flatness, 1
Ω typ
• Low Off-Channel Leakage, <2.5nA @ +85oC
• TTL/CMOS Logic Compatible
• Rail-to-Rail Analog Signal Dynamic Range
• Low Power Consumption <1
µA
Applications
• Instrumentation, ATE
• Sample-and-Holds
• Audio Switching and Routing
• Telecommunication Systems
• PBX, PABX
• Battery-Powered Systems
Top View
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS381/PS383/PS385
Precision, 17V Analog Switches
Functional Diagrams, Pin Configurations, and Truth Tables
Top View
Top View
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
COM1
N.C.
N.C.
N.C.
N.C
N.C.
COM2
N.C.
NO1
V-
GND
N.C.
V+
IN2
NO2
IN1
PS381
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
COM1
N.C.
COM3
NC3
NC4
COM4
COM2
N.C.
NO1
V-
GND
N.C.
V+
IN2
NO2
IN1
PS383
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
COM1
N.C.
COM3
NO3
NO4
COM4
COM2
N.C.
NO1
V-
GND
N.C.
V+
IN2
NO2
IN1
PS385
Features
For free samples and the latest literature: www.pericom.com, or phone 1-800-435-2336
Description
The PS381/PS383/PS385 are improved high precision, medium
voltage analog switches designed to operate with +3V to +8V
power supplies.
The PS381 has two normally open (NO) switches. The PS383 is a
dual, single-pole double-throw (SPDT) switch. The PS385 is a
dual, double-pole single-throw (DPST) function. Each switch
conducts current equally well in either direction when on. In the off
state each switch blocks voltages up to the power-supply rails.
With ±5V power supplies, the PS381/PS383/PS385 guarantee
<30Ω on-resistance. On-resistance matching between channels is
within 2Ω. On-resistance flatness is less than 4Ω over the specified
range. All three devices feature low leakage currents (<2 pA @
25oC, <2.5nA @ +85oC) and fast switching speeds (tON<130ns).
Break-before-make switching action protects against momentary
crosstalk (PS383).
These switches are fully specified for single +5V operation,
with <45Ω RON, <2Ω RON match, and <4Ω RON flatness.
For operation below 5V the PI5A381A/PI5A383A/PI5A385A
are also recommended.
N.C = No Connect.
Switches shown for logic “0” input
.
1
8
3
S
P
c
i
g
o
Lh
c
ti
w
S
0
1
F
F
O
N
O
3
8
3
S
P
c
i
g
o
L4
W
S
,
3
W
S2
W
S
,
1
W
S
0
1
N
O
F
F
O
F
F
O
N
O
5
8
3
S
P
c
i
g
o
Lh
c
ti
w
S
0
1
F
F
O
N
O


Similar Part No. - PS381

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PS3870J4330DSERQ1 TI1-PS3870J4330DSERQ1 Datasheet
592Kb / 26P
TPS3870-Q1 Overvoltage Reset IC With Time Delay and Manual Reset
PS38A950122DSKRQ1 TI-PS38A950122DSKRQ1 Datasheet
2Mb / 34P
TPS38x-Q1 (65 V & 2uA) Wide VIN Dual Channel Voltage Detector
PS38A950122DSKRQ1 TI-PS38A950122DSKRQ1 Datasheet
3Mb / 43P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
SEPTEMBER 2021
More results

Similar Description - PS381

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
Precision CMOS Analog Switches
11-Aug-03
logo
Pericom Semiconductor C...
PS396 PERICOM-PS396 Datasheet
229Kb / 10P
Precision, 16-Channel 17V Analog Multiplexer
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
Precision, Quad, SPDT, 17V Analog Switch
PS4051 PERICOM-PS4051 Datasheet
372Kb / 9P
17V CMOS Analog Multiplexers/Switches
PS398 PERICOM-PS398 Datasheet
207Kb / 11P
Precision 8-Ch, Diff. 4-Ch, 17V Analog Multiplexers
logo
Analog Microelectronics
AS3336G AME-AS3336G Datasheet
423Kb / 25P
Precision Multiple Analog Switches
logo
Vishay Siliconix
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
Precision CMOS Analog Switches
25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
Precision CMOS Analog Switches
19-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com