Electronic Components Datasheet Search
  English  ▼

X  

PS381 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PS381
Description  Precision, 17V Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS381 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

  PS381 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS381 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS381/PS383/PS385
Precision, 17V Analog Switches
9
PS8186A
07/15/98
Test Circuits/Timing Diagrams (continued)
Figure 5. Off Isolation
Figure 7. Channel-Off Capacitance
Figure 6. Crosstalk
Figure 8. Channel-On Capacitance
V+
+5V
NC
Capacitance
Meter
GND
-5V
V-
or NO
COM
10nF
IN
0V or
2.4V
10nF
f = 1MHz
V+
+5V
NC
Analyzer
GND
-5V
V-
or NO
COM
10nF
IN
RL
0V or
2.4V
10nF
COM
V+
+5V
Analyzer
GND
-5V
V-
N02
COM1
10nF
IN2
RL
10nF
COM
Signal
Generator 0dBm
0V or
2.4V
COM2
IN1
N01
NC
50
Ω
0V or
2.4V
V+
+5V
NC
Capacitance
Meter
GND
EN
or NO
COM
10nF
IN
0V or
2.4V
f = 1kHz
Ordering Information
Part
Temp. Range
Package
PS381CPE
0ºC to +70ºC
16 Plastic DIP
PS381CSE
0ºC to +70ºC
16 Narrow SO
PS381EPE
-40ºC to +85ºC
16 Plastic DIP
PS381ESE
-40ºC to +85ºC
16 Narrow SO
PS383CPE
0ºC to +70ºC
16 Plastic DIP
PS383CSE
0ºC to +70ºC
16 Narrow SO
PS383EPE
-40ºC to +85ºC
16 Plastic DIP
PS383ESE
-40ºC to +85ºC
16 Narrow SO
PS385CPE
0ºC to +70ºC
16 Plastic DIP
PS385CSE
0ºC to +70ºC
16 Narrow SO
PS385EPE
-40ºC to +85ºC
16 Plastic DIP
PS385ESE
-40ºC to +85ºC
16 Narrow SO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com